Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1033ARQZ-RL7 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części ADM1033ARQZ-RL7
Szczegółowy opis  Thermal Monitor and Fan Speed (RPM) Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1033ARQZ-RL7 Arkusz danych(HTML) 5 Page - ON Semiconductor

  ADM1033ARQZ-RL7 Datasheet HTML 1Page - ON Semiconductor ADM1033ARQZ-RL7 Datasheet HTML 2Page - ON Semiconductor ADM1033ARQZ-RL7 Datasheet HTML 3Page - ON Semiconductor ADM1033ARQZ-RL7 Datasheet HTML 4Page - ON Semiconductor ADM1033ARQZ-RL7 Datasheet HTML 5Page - ON Semiconductor ADM1033ARQZ-RL7 Datasheet HTML 6Page - ON Semiconductor ADM1033ARQZ-RL7 Datasheet HTML 7Page - ON Semiconductor ADM1033ARQZ-RL7 Datasheet HTML 8Page - ON Semiconductor ADM1033ARQZ-RL7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ADM1033
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1)
Parameter
Unit
Max
Typ
Min
Test Conditions / Comments
Tachometer Accuracy
Fan Speed Measurement Accuracy
±4.0
%
AGTL + INPUT (THERM)
Input High Level
0.75 x
REF
V
Input Low Level
0.4
V
SERIAL BUS TIMING (Note 4)
Clock Frequency, fSCLK
See Figure 2
400
kHz
Glitch Immunity, tSW
See Figure 2
50
ns
Bus Free Time, tBUF
See Figure 2
1.3
ms
Start Setup Time, tSU:STA
See Figure 2
0.6
ms
Start Hold Time, tHD:STA
See Figure 2
0.6
ms
Stop Condition Setup Time tSU:STO
See Figure 2
0.6
ms
SCL Low Time, tLOW
See Figure 2
1.3
ms
SCL High Time, tHIGH
See Figure 2
0.6
ms
SCL, SDA Rise Time, tr
See Figure 2
1000
ns
SCL, SDA Fall Time, tf
See Figure 2
300
ns
Data Setup Time, tSU:DAT
See Figure 2
100
ns
Detect Clock Low Timeout, tTIMEOUT
See Note 5
25
35
ms
1. Typicals are at TA = 25°C and represent most likely parametric norm. Standby current typ. is measured with VCC = 3.3 V. Timing specifications
are tested at logic levels of VIL = 0.8 V for a falling edge and VIH = 2.1 V for a rising edge.
2. Operation at 5.5 V is guaranteed by design, not production tested.
3. Recommend use of 100 kW pullup resistors for all open−drain outputs from the ADM1033.
4. Guaranteed by design, not production tested.
5. SMBus timeout disabled by default. See the SMBus section for more information.
Figure 2. Serial Bus Timing Diagram
P
S
tLOW
tR
tF
tHD:STA
tHD:DAT
tSU:DAT
tSU:STA
tHD:STA
tSU:STO
tHIGH
SCL
PS
SDA
tBUF


Podobny numer części - ADM1033ARQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1033ARQZ-REEL AD-ADM1033ARQZ-REEL Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
logo
Analog Devices
ADM1033ARQZ-REEL7 AD-ADM1033ARQZ-REEL7 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
More results

Podobny opis - ADM1033ARQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
ADM1033 AD-ADM1033 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADM1033 ONSEMI-ADM1033_12 Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com