Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL16C754C Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TL16C754C
Szczegółowy opis  QUAD UARTS WITH 64-BYTE FIFO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL16C754C Arkusz danych(HTML) 4 Page - Texas Instruments

  TL16C754C Datasheet HTML 1Page - Texas Instruments TL16C754C Datasheet HTML 2Page - Texas Instruments TL16C754C Datasheet HTML 3Page - Texas Instruments TL16C754C Datasheet HTML 4Page - Texas Instruments TL16C754C Datasheet HTML 5Page - Texas Instruments TL16C754C Datasheet HTML 6Page - Texas Instruments TL16C754C Datasheet HTML 7Page - Texas Instruments TL16C754C Datasheet HTML 8Page - Texas Instruments TL16C754C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PN
PM
Data set ready (active low). These inputs are associated with individual UART channels
DSRA, DSRB,
3, 19,
1, 17,
I
A through D. A low on these pins indicates the modem or data set is powered on and is
DSRC, DSRD
43, 59
32, 48
ready for data exchange with the UART.
Data terminal ready (active low). These outputs are associated with individual UART
channels A through D. A low on these pins indicates that the '754C is powered on and
DTRA, DTRB,
5, 17,
3, 15,
ready. These pins can be controlled through the modem control register. Writing a 1 to
O
DTRC, DTRD
45, 57
34, 46
MCR[0] sets the DTR output to low, enabling the modem. The output of these pins is
high after writing a 0 to MCR[0], or after a reset. These pins can also be used in the
RS-485 mode to control an external RS-485 driver or transceiver.
16, 36,
14, 28,
GND
Pwr
Power signal and power ground
56, 76
45, 61
Interrupt A, B, C, and D (active high). These pins provide individual channel interrupts,
INTA-D. INTA
−D are enabled when MCR[3] is set to a 1, interrupts are enabled in the
INTA, INTB,
8, 14,
6, 12,
O
interrupt enable register (IER) and when an interrupt condition exists. Interrupt conditions
INTC, INTD
48, 54
37, 43
include: receiver errors, available receiver buffer data, transmit buffer empty, or when a
modem status flag is detected. INTA
−D are in the high-impedance state after reset.
Interrupt select (active high with internal pulldown). INTSEL can be used in conjunction
with MCR[3] to enable or disable the 3-state interrupts INTA-D or override MCR[3] and
INTSEL
67
I
force continuous interrupts. Interrupt outputs are enabled continuously by making this pin
a 1. Driving this pin low allows MCR[3] to control the 3-state interrupt output. In this
mode, MCR[3] is set to a 1 to enable the 3-state outputs.
Read input (active low strobe). A valid low level on IOR loads the contents of an internal
IOR
51
40
I
register defined by address bits A0–A2 onto the '754C data bus (D0–D7) for access by
an external CPU.
Write input (active low strobe). A valid low level on IOW transfers the contents of the
IOW
11
9
I
data bus (D0–D7) from the external CPU to an internal register that is defined by
address bits A0–A2.
Reset. RESET resets the internal registers and all the outputs. The UART transmitter
RESET
33
27
I
output and the receiver input are disabled during reset time. See '754C external reset
conditions for initialization details. RESET is an active high input.
Ring indicator (active low). These inputs are associated with individual UART channels A
RIA, RIB,
78, 24,
63, 19,
through D. A low on these pins indicates the modem has received a ringing signal from
I
RIC, RID
38, 64
30, 50
the telephone line. A low-to-high transition on these input pins generates a modem
status interrupt, if it is enabled.
Request to send (active low). These outputs are associated with individual UART
channels A through D. A low on the RTS pins indicates the transmitter has data ready
RTSA, RTSB,
7, 15,
5, 13,
and waiting to send. Writing a 1 in the modem control register (MCR[1]) sets these pins
O
RTSC, RTSD
47, 55
36, 44
to low, indicating data is available. After a reset, these pins are set to 1. These pins only
affect the transmit and receive operation when auto-RTS function is enabled through the
enhanced feature register (EFR[6]), for hardware flow control operation.
Receive data input. These inputs are associated with individual serial channel data to
the '754C. During the local loopback mode, these RX input pins are disabled and TX
RXA, RXB,
77, 25,
62, 20,
I
data is internally connected to the UART RX input internally. During normal mode, RXn
RXC, RXD
37, 65
29, 51
should be held high when no data is being received. These outputs also can be used in
IrDA mode. See the IrDA mode section for more information.
Receive ready (active low). RXRDY contains the wire-ORed status of all four receive
channel FIFOs, RXRDY A–D. It goes low when the trigger level has been reached or a
RXRDY
34
O
timeout interrupt occurs. It goes high when all RX FIFOs are empty and there is an error
in RX FIFO.
Transmit data. These outputs are associated with individual serial transmit channel data
from the '754C. During the local loopback mode, the TX input pin is disabled and TX
TXA, TXB,
10, 12,
8, 10,
data is internally connected to the UART RX input. During normal mode, TXn is high
O
TXC, TXD
50, 52
39, 41
when no data is being sent. These outputs can also be used in IrDA mode, in which
case TXn is low when no data is being sent. See the IrDA mode section for more
information.
Transmit ready (active low). TXRDY contains the wire-ORed status of all four transmit
TXRDY
35
O
channel FIFOs, TXRDY A–D. It goes low when there are a trigger level number of
spares available. It goes high when all four TX buffers are full.
4
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C


Podobny numer części - TL16C754C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754BFN TI-TL16C754BFN Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754BFN TI-TL16C754BFN Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results

Podobny opis - TL16C754C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com