Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL16CP754CIPMG4 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TL16CP754CIPMG4
Szczegółowy opis  QUAD UARTS WITH 64-BYTE FIFO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754CIPMG4 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TL16CP754CIPMG4 Datasheet HTML 5Page - Texas Instruments TL16CP754CIPMG4 Datasheet HTML 6Page - Texas Instruments TL16CP754CIPMG4 Datasheet HTML 7Page - Texas Instruments TL16CP754CIPMG4 Datasheet HTML 8Page - Texas Instruments TL16CP754CIPMG4 Datasheet HTML 9Page - Texas Instruments TL16CP754CIPMG4 Datasheet HTML 10Page - Texas Instruments TL16CP754CIPMG4 Datasheet HTML 11Page - Texas Instruments TL16CP754CIPMG4 Datasheet HTML 12Page - Texas Instruments TL16CP754CIPMG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Serial to
Parallel
Flow
Control
Parallel to
Serial
Flow
Control
RX
FIFO
TX
FIFO
Parallel to
Serial
Flow
Control
Serial to
Parallel
Flow
Control
TX
FIFO
RX
FIFO
D7- D0
D7- D0
UART 1
UART 2
RX
RTS
TX
CTS
TX
CTS
RX
RTS
TL16CP754C, TL16CM754C, TL16C754C
www.ti.com
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
A.
When CTS is low, the transmitter keeps sending serial data out.
B.
When CTS goes high before the middle of the last stop bit of the current byte, the transmitter finishes sending the
current byte, but it does not send the next byte.
C.
When CTS goes from high to low, the transmitter begins sending data again.
Figure 2. CTS Functional Timing
Figure 3. Autoflow Control (Auto-RTS and Auto-CTS) Example
Software Flow Control
Software flow control is enabled through the enhanced feature register and the modem control register. Different
combinations of software flow control can be enabled by setting different combinations of EFR[3
−0]. Table 1
shows software flow control options.
Two other enhanced features relate to S/W flow control:
Xon Any Function [MCR(5): Operation resumes after receiving any character after recognizing the Xoff
character.
NOTE
It is possible that an Xon1 character is recognized as an Xon Any character, which could
cause an Xon2 character to be written to the RX FIFO.
Special Character [EFR(5)]: Incoming data is compared to Xoff2. Detection of the special character sets the
Xoff interrupt {IIR(4)] but does not halt transmission. The Xoff interrupt is cleared by a read of the IIR. The
special character is transferred to the RX FIFO.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C


Podobny numer części - TL16CP754CIPMG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16CP554AIPM TI1-TL16CP554AIPM Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16CP554APM TI1-TL16CP554APM Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
More results

Podobny opis - TL16CP754CIPMG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com