Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3DV20812 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3DV20812
Szczegółowy opis  2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3DV20812 Arkusz danych(HTML) 5 Page - Texas Instruments

  TS3DV20812 Datasheet HTML 1Page - Texas Instruments TS3DV20812 Datasheet HTML 2Page - Texas Instruments TS3DV20812 Datasheet HTML 3Page - Texas Instruments TS3DV20812 Datasheet HTML 4Page - Texas Instruments TS3DV20812 Datasheet HTML 5Page - Texas Instruments TS3DV20812 Datasheet HTML 6Page - Texas Instruments TS3DV20812 Datasheet HTML 7Page - Texas Instruments TS3DV20812 Datasheet HTML 8Page - Texas Instruments TS3DV20812 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TS3DV20812
www.ti.com
SCDS302 – JUNE 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V, RL = 200 Ω, CL = 10 pF (unless otherwise
noted) (see Figure 9 and Figure 10)
FROM
TO
MIN
TYP(1)
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
tpd
(2)
Dn
DA or DB
149
ps
tPZH, tPZL
SEL
DA or DB
0.5
15
ns
tPHZ, tPLZ
SEL
DA or DB
0.9
12
ns
SEL to switch turn on time
DA or DB
9
14
ns
SEL to switch turn off time
DA or DB
5
11
ns
tsk(o)
(3)
Dn (+)(-), DA(+)(-), DB(+)(-)
22
28
ps
tsk(o)
Dn (all), DnA(all), DnB(All)
19
25
ps
tsk(p)
(4)
22
31
ps
(1)
All typical values are at VDD = 2.5 V (unless otherwise noted), TA = 25°.
(2)
The propagation delay is the calculated RC time constant of the typical ON-State resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(3)
Output skew between center port to any other port.
(4)
Skew between opposite transitions of the same output in a given device |tPHL – tPLH|
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 2.5V ± 0.25 V, RL = 200 Ω, CL = 10 pF (unless otherwise
noted) (see Figure 9 and Figure 10)
FROM
TO
MIN
TYP(1)
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
tpd
(2)
Dn
DA or DB
149
ps
tPZH, tPZL
SEL
DA or DB
0.5
14
ns
tPHZ, tPLZ
SEL
DA or DB
0.9
15
ns
SEL to switch turn on time
DA or DB
9
17
ns
SEL to switch turn off time
DA or DB
DA or DB
5
18
ns
tsk(o)
(3)
Dn (+)(-), DA(+)(-), DB(+)(-)
22
31
ps
tsk(o)
Dn (all), DnA(all), DnB(All)
19
23
ps
tsk(p)
(4)
22
33
ps
(1)
All typical values are at VDD = 2.5 V (unless otherwise noted), TA = 25°.
(2)
The propagation delay is the calculated RC time constant of the typical ON-State resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(3)
Output skew between center port to any other port.
(4)
Skew between opposite transitions of the same output in a given device |tPHL – tPLH|
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3DV20812


Podobny numer części - TS3DV20812

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812 Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
TS3DV20812RHH TI-TS3DV20812RHH Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
TS3DV20812RHHR TI-TS3DV20812RHHR Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
More results

Podobny opis - TS3DV20812

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812 Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
   Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
logo
Maxim Integrated Produc...
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
   2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com