Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4006GP Arkusz danych(PDF) 2 Page - Gulf Semiconductor

Numer części 1N4006GP
Szczegółowy opis  SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GULFSEMI [Gulf Semiconductor]
Strona internetowa  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N4006GP Arkusz danych(HTML) 2 Page - Gulf Semiconductor

  1N4006GP Datasheet HTML 1Page - Gulf Semiconductor 1N4006GP Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N4001GP THRU 1N4007GP
1
1 Rev.A4
www.gulfsemi.com


Podobny numer części - 1N4006GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
1N4006GP GE-1N4006GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N4006GP VISHAY-1N4006GP Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
logo
Micro Commercial Compon...
1N4006GP MCC-1N4006GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
DAESAN ELECTRONIC CORP.
1N4006GP DAESAN-1N4006GP Datasheet
464Kb / 2P
   STANDARD RECTIFIER
logo
Taiwan Semiconductor Co...
1N4006GP TSC-1N4006GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results

Podobny opis - 1N4006GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RGP10A GULFSEMI-RGP10A Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
GP20A GULFSEMI-GP20A Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GP30A GULFSEMI-GP30A Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
GP15A GULFSEMI-GP15A Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
ERA10MEGF GULFSEMI-ERA10MEGF Datasheet
171Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
1N5391GP GULFSEMI-1N5391GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
EG1MGF GULFSEMI-EG1MGF Datasheet
180Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1000V CURRENT: 1.0A
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com