Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM26C31INE4 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części AM26C31INE4
Szczegółowy opis  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

AM26C31INE4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button AM26C31INE4 Datasheet HTML 2Page - Texas Instruments AM26C31INE4 Datasheet HTML 3Page - Texas Instruments AM26C31INE4 Datasheet HTML 4Page - Texas Instruments AM26C31INE4 Datasheet HTML 5Page - Texas Instruments AM26C31INE4 Datasheet HTML 6Page - Texas Instruments AM26C31INE4 Datasheet HTML 7Page - Texas Instruments AM26C31INE4 Datasheet HTML 8Page - Texas Instruments AM26C31INE4 Datasheet HTML 9Page - Texas Instruments AM26C31INE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
AM26C31
SLLS103M – DECEMBER 1990 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
AM26C31Q
AM26C31M
PARAMETER
TEST CONDITIONS
UNIT
MIN TYP(1)
MAX
VOH
High-level output voltage
IO = –20 mA
2.2
3.4
V
VOL
Low-level output voltage
IO = 20 mA
0.2
0.4
V
VOD
Differential output voltage magnitude
RL = 100 Ω,
See Figure 1
2
3.1
V
Δ|VOD|
Change in magnitude of differential output voltage(2)
RL = 100 Ω,
See Figure 1
±0.4
V
VOC
Common-mode output voltage
RL = 100 Ω,
See Figure 1
3
V
Δ|VOC|
Change in magnitude of common-mode output voltage(2)
RL = 100 Ω,
See Figure 1
±0.4
V
II
Input current
VI = VCC or GND
±1
µA
VO = 6 V
100
IO(off)
Driver output current with power off
VCC = 0
µA
VO = –0.25 V
–100
IOS
Driver output short-circuit current
VO = 0
–170
mA
VO = 2.5 V
20
IOZ
High-impedance off-state output current
µA
VO = 0.5 V
–20
VI = 0 or 5 V
100
µA
ICC
Quiescent supply current
IO = 0
VI = 2.4 V or 0.5
3.2
mA
V(3)
Ci
Input capacitance
6
pF
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
Δ|VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level
to a low level.
(3)
This parameter is measured per input. All other inputs are at 0 or 5 V.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
AM26C31Q
AM26C31M
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(1)
MAX
tPLH
Propagation delay time, low-to-high-level output
7
12
S1 is open,
See Figure 2
ns
tPHL
Propagation delay time, high-to-low-level output
6.5
12
tsk(p)
Pulse skew time (|tPLH – tPHL|)
S1 is open,
See Figure 2
0.5
4
ns
tr(OD), tf(OD)
Differential output rise and fall times
S1 is open,
See Figure 3
5
12
ns
tPZH
Output enable time to high level
10
19
S1 is closed,
See Figure 4
ns
tPZL
Output enable time to low level
10
19
tPHZ
Output disable time from high level
7
16
S1 is closed,
See Figure 4
ns
tPLZ
Output disable time from low level
7
16
Cpd
Power dissipation capacitance (each driver)(2)
S1 is open,
See Figure 2
100
pF
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
Cpd is used to estimate the switching losses according to PD = Cpd × VCC
2 × f, where f is the switching frequency.
6
Submit Documentation Feedback
Copyright © 1990–2008, Texas Instruments Incorporated
Product Folder Link(s): AM26C31


Podobny numer części - AM26C31INE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM26C31INE4 TI-AM26C31INE4 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31INE4 TI1-AM26C31INE4 Datasheet
1Mb / 33P
[Old version datasheet]   AM26C31 Quadruple Differential Line Driver
More results

Podobny opis - AM26C31INE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com