Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB10200FCT Arkusz danych(PDF) 1 Page - Gulf Semiconductor

Numer części SB10200FCT
Szczegółowy opis  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GULFSEMI [Gulf Semiconductor]
Strona internetowa  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB10200FCT Arkusz danych(HTML) 1 Page - Gulf Semiconductor

  SB10200FCT Datasheet HTML 1Page - Gulf Semiconductor SB10200FCT Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SB10200FCT
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 200V
CURRENT: 10.0A
FEATURE
ITO-220AB
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated Insert leads, solderable per
MIL-STD-750, Method 2026
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: Common Cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB10200FCT
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
V
Maximum RMS Voltage
Vrms
140
V
Maximum DC blocking Voltage
Vdc
200
V
Maximum Average Forward Rectified Current
If(av)
10
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
150
A
Maximum Forward Voltage at 5A
Vf
0.90
V
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
Ta =110°C
Ir
50
10
μA
mA
Typical Thermal Resistance
(Note 1)
Rth(jc)
4.5
°C/W
Operating Junction and
Storage Temperature Ramge
Tj
Tstg
-50 to +150
°C
Note:
1.Thermal Resistance from Junction to Case


Podobny numer części - SB10200FCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sirectifier Global Corp...
SB10200FC SIRECT-SB10200FC Datasheet
219Kb / 3P
   Power Schottky Rectifier - 10Amp 200Volt
More results

Podobny opis - SB10200FCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gulf Semiconductor
SB10200CT GULFSEMI-SB10200CT Datasheet
113Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
SB1060CT GULFSEMI-SB1060CT Datasheet
91Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB1060FCT GULFSEMI-SB1060FCT Datasheet
94Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB1040CT GULFSEMI-SB1040CT Datasheet
107Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 10.0A
SB10150FCT GULFSEMI-SB10150FCT Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10150CT GULFSEMI-SB10150CT Datasheet
109Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10100CT GULFSEMI-SB10100CT Datasheet
155Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10100FCT GULFSEMI-SB10100FCT Datasheet
205Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
logo
PACELEADER INDUSTRIAL
MBR10200CT PACELEADER-MBR10200CT Datasheet
362Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 200V
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com