Zakładka z wyszukiwarką danych komponentów |
|
SS1B Arkusz danych(PDF) 1 Page - Gulf Semiconductor |
|
SS1B Arkusz danych(HTML) 1 Page - Gulf Semiconductor |
1 / 2 page Rev.A4 www.gulfsemi.com SS1A THRU SS1M SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE: : : :50 TO 1000V CURRENT: : : : 1.0A FEATURE GF1/ DO-214BA For surface mounted application High temperature metallurgic ally bonded Sintered glass junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 450℃/10sec/at terminal/complete device Submersible temperature of 265℃ for 10sec MECHANICAL DATA Terminal:Plated Terminal, solderable per MIL-STD 202, method 208C Case:Molded with UL-94 class V-0 recognized Flame Retardant Epoxy over Glass Polarity:color band denotes cathode end Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (single—phase, half —wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated, for capacitive load, derate current by 20%) SYMBOL SS 1A SS 1B SS 1D SS 1G SS 1J SS 1K SS 1M units Maximum Recurrent Peak Reverse Voltage Vrrm 50 100 200 400 600 800 1000 V Maximum RMS Voltage Vrms 35 70 140 280 420 560 700 V Maximum DC blocking Voltage Vdc 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current If(av) 1.0 A Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Ifsm 30.0 A Maximum Forward Voltage at rated Forward current Ta =25℃ Vf 1.1 1.2 V Maximum full load reverse current full cycle average at 75℃ ambient Ir(av) 30.0 μA Maximum DC Reverse Current Ta =25℃ at rated DC blocking voltage Ta =125℃ Ir 5.0 50.0 μA μA Typical Junction Capacitance (Note 1) Cj 15.0 pF Typical Thermal Resistance (Note 2) R(ja) 80.0 ℃/W Operating and Storage Temperature Range Tst, Tj -65 to +175 ℃ Note: Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc Thermal Resistance from Junction to Ambient 6.0mm2 copper pad to each terminal RATINGS AND CHARACTERISTIC CURVES SS1A THRU SS1M |
Podobny numer części - SS1B |
|
Podobny opis - SS1B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |