Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74VMEH22501DGG Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74VMEH22501DGG
Szczegółowy opis  8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501DGG Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74VMEH22501DGG Datasheet HTML 6Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 7Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 8Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 9Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 10Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 11Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 12Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 13Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
SN74VMEH22501
SCES357F – JULY 2001 – REVISED FEBRUARY 2010
www.ti.com
Switching Characteristics for Bus Transceiver Function
over recommended operating conditions (unless otherwise noted) (see Figure 1 and Figure 2)
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
tPLH
5.1
8.9
1A or 2A
1B or 2B
ns
tPHL
4.5
7.8
tPLH
7.2
14.5
1A or 2A
1Y or 2Y
ns
tPHL
6.1
13
tPZH
4.6
8.1
OEAB
1B or 2B
ns
tPZL
3.7
7.4
tPHZ
3.3
9.7
OEAB
1B or 2B
ns
tPLZ
1.8
4.8
tr
Transition time, B port (10%–90%)
4.3
ns
tf
Transition time, B port (90%–10%)
4.3
ns
tPLH
1.6
5.6
1B or 2B
1Y or 2Y
ns
tPHL
1.6
5.6
tPZH
1.2
5.6
OEBY
1Y or 2Y
ns
tPZL
1.8
4.9
tPHZ
1.4
5.4
OEBY
1Y or 2Y
ns
tPLZ
1.7
4.5
10
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74VMEH22501


Podobny numer części - SN74VMEH22501DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74VMEH22501DGGR TI-SN74VMEH22501DGGR Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
More results

Podobny opis - SN74VMEH22501DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com