Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL064BCN Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TL064BCN
Szczegółowy opis  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL064BCN Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TL064BCN Datasheet HTML 2Page - Texas Instruments TL064BCN Datasheet HTML 3Page - Texas Instruments TL064BCN Datasheet HTML 4Page - Texas Instruments TL064BCN Datasheet HTML 5Page - Texas Instruments TL064BCN Datasheet HTML 6Page - Texas Instruments TL064BCN Datasheet HTML 7Page - Texas Instruments TL064BCN Datasheet HTML 8Page - Texas Instruments TL064BCN Datasheet HTML 9Page - Texas Instruments TL064BCN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL061C
TL062C
TL064C
TL061AC
TL062AC
TL064AC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 0,
TA = 25°C
3
15
3
6
mV
VIO
Input offset voltage
VO = 0,
RS =50 Ω
TA = Full range
20
7.5
mV
α
V
IO
Temperature coefficient
of input offset voltage
VO = 0, RS =50 Ω,
TA = Full range
10
10
µV/°C
IIO
Input offset current
VO = 0
TA = 25°C
5
200
5
100
pA
IIO
Input offset current
VO = 0
TA = Full range
5
3
nA
IIB
Input bias current‡
VO = 0
TA = 25°C
30
400
30
200
pA
IIB
Input bias current‡
VO = 0
TA = Full range
10
7
nA
VICR
Common-mode
TA = 25°C
±11
−12
to
±11
−12
to
V
VICR
Common-mode
input voltage range
TA = 25°C
±11
to
15
±11
to
15
V
VOM
Maximum peak output
RL = 10 kΩ,
TA = 25°C
±10 ±13.5
±10 ±13.5
V
VOM
Maximum peak output
voltage swing
RL ≥ 10 kΩ,
TA = Full range
±10
±10
V
AVD
Large-signal differential
VO = ± 10 V,
TA = 25°C
3
6
4
6
V/mV
AVD
Large-signal differential
voltage amplification
VO = ± 10 V,
RL ≥ 10 kΩ
TA = Full range
3
4
V/mV
B1
Unity-gain bandwidth
RL = 10 kΩ,
TA = 25°C
1
1
MHz
ri
Input resistance
TA = 25°C
1012
1012
CMRR
Common-mode rejection
ratio
VIC = VICRmin, VO = 0,
RS = 50 Ω, TA = 25°C
70
86
80
86
dB
kSVR
Supply-voltage rejection
ratio
VCC = ± 9 V to ± 15 V,
VO = 0, RS = 50 Ω
70
95
80
95
dB
kSVR
ratio
(
∆VCC±/∆VIO)
CC
VO = 0, RS = 50 Ω,
TA = 25°C
70
95
80
95
dB
PD
Total power dissipation
(each amplifier)
VO = 0,
No load
TA = 25°C,
6
7.5
6
7.5
mW
ICC
Supply current
(each amplifier)
VO = 0,
No load
TA = 25°C,
200
250
200
250
µA
VO1/VO2
Crosstalk attenuation
AVD = 100,
TA = 25°C
120
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Full range for
TA is 0°C to 70°C for TL06_C, TL06_AC, and TL06_BC and −40°C to 85°C for TL06_I.
‡ Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in
Figure 15. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible.


Podobny numer części - TL064BCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TL064BCN STMICROELECTRONICS-TL064BCN Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL064BCN TI-TL064BCN Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064BCN TI-TL064BCN Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064BCN STMICROELECTRONICS-TL064BCN Datasheet
248Kb / 14P
   Low power JFET quad operational amplifier
logo
Texas Instruments
TL064BCN TI-TL064BCN Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL064BCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com