Zakładka z wyszukiwarką danych komponentów |
|
SN74ACT04PWRE4 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
SN74ACT04PWRE4 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 17 page SN54ACT04, SN74ACT04 HEX INVERTERS SCAS518C − JULY 1995 − REVISED OCTOBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω Open tPLH/tPHL Open TEST S1 50% VCC tPLH tPHL tPHL tPLH VOH VOH VOL VOL 1.5 V 1.5 V 3 V 0 V 50% VCC 50% VCC Input (see Note B) Out-of-Phase Output In-Phase Output 50% VCC VOLTAGE WAVEFORMS NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. C. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
Podobny numer części - SN74ACT04PWRE4 |
|
Podobny opis - SN74ACT04PWRE4 |