Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2028D1YZFR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2028D1YZFR
Szczegółowy opis  3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2028D1YZFR Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA2028D1YZFR Datasheet HTML 1Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 2Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 3Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
TPA2028D1
SLOS660 – JANUARY 2010
www.ti.com
AVAILABLE OPTIONS(1)
TA
PACKAGED DEVICES(2)
PART NUMBER
SYMBOL
TPA2028D1YZFR
–40°C to 85°C
9-ball, WCSP
NSU
TPA2028D1YZFT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com
(2)
The YZF packages are only available taped and reeled. The suffix R indicates a reel of 3000; the suffix T indicates a reel of 250.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
PVDD
2.5
5.5
V
VIH
High-level input voltage
EN, SDA, SCL
1.3
V
VIL
Low-level input voltage
EN, SDA, SCL
0.6
V
TA
Operating free-air temperature
–40
+85
°C
ELECTRICAL CHARACTERISTICS
at TA = 25°C, VDD = 3.6 V, SDZ = 1.3 V, and RL = 8 Ω + 33 mH (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage range
2.5
3.6
5.5
V
EN = 0.35 V, VDD = 2.5 V
0.1
1
ISDZ
Shutdown quiescent current
EN = 0.35 V, VDD = 3.6 V
0.2
1
µA
EN = 0.35 V, VDD = 5.5 V
0.3
1
EN = 1.3 V, VDD = 2.5 V
35
50
Software shutdown quiescent
ISWS
EN = 1.3 V, VDD = 3.6 V
50
70
µA
current
EN = 1.3 V, VDD = 5.5 V
75
100
VDD = 2.5 V
1.5
2.5
IDD
Supply current
VDD = 3.6 V
1.7
2.7
mA
VDD = 5.5 V
2
3.5
fSW
Class D Switching Frequency
275
300
325
kHz
IIH
High-level input current
VDD = 5.5 V, EN = 5.8 V
1
µA
IIL
Low-level input current
VDD = 5.5 V, EN = –0.3 V
–1
µA
tSTART
Start-up time
2.5 V
≤ VDD ≤ 5.5 V no pop, CIN ≤ 1 mF
5
ms
POR
Power on reset ON threshold
2
2.3
V
POR
Power on reset hysteresis
0.2
V
RL = 8 Ω, Vicm = 0.5 V and Vicm = VDD – 0.8 V,
CMRR
Input common mode rejection
–75
dB
differential inputs shorted
VDD = 3.6 V, AV = 6 dB, RL = 8 Ω, inputs ac
Voo
Output offset voltage
1.5
10
mV
grounded
Output Impedance in shutdown
2
k
ZOUT
EN = 0.35 V
mode
Gain accuracy
Compression and limiter disabled, Gain = 0 to 30 dB
–0.5
0.5
dB
PSRR
Power supply rejection ratio
VDD = 2.5 V to 4.7 V
–80
dB
4
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPA2028D1


Podobny numer części - TPA2028D1YZFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2028D1YZFR TI-TPA2028D1YZFR Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFR TI1-TPA2028D1YZFR Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TPA2028D1YZFR TI1-TPA2028D1YZFR Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
More results

Podobny opis - TPA2028D1YZFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com