Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3111D1 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3111D1
Szczegółowy opis  10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3111D1 Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA3111D1 Datasheet HTML 1Page - Texas Instruments TPA3111D1 Datasheet HTML 2Page - Texas Instruments TPA3111D1 Datasheet HTML 3Page - Texas Instruments TPA3111D1 Datasheet HTML 4Page - Texas Instruments TPA3111D1 Datasheet HTML 5Page - Texas Instruments TPA3111D1 Datasheet HTML 6Page - Texas Instruments TPA3111D1 Datasheet HTML 7Page - Texas Instruments TPA3111D1 Datasheet HTML 8Page - Texas Instruments TPA3111D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
SD
FAULT
GND
GND
GAIN0
GAIN1
AVCC
AGND
GVDD
PLIMIT
PVCC
PVCC
BSN
OUTN
PGND
OUTN
BSN
BSP
OUTP
PGND
PWP (TSSOP)Package
(TopView)
INN
INP
NC
11
12
13
14
18
17
16
15
OUTP
BSP
PVCC
PVCC
AVCC
TPA3111D1
SLOS618A – AUGUST 2009 – REVISED JULY 2010
www.ti.com
AC CHARACTERISTICS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple from 20 Hz–1 kHz,
KSVR
Supply ripple rejection
–70
dB
Gain = 20 dB, Inputs ac-coupled to AGND
PO
Continuous output power
THD+N
≤ 10%, f = 1 kHz , RL = 8Ω
10
W
PO
Continuous output power
THD+N
≤ 0.1%, f = 1 kHz , RL = 4Ω
10
W
THD+N
Total harmonic distortion + noise
RL = 8 Ω, f = 1 kHz, PO = 5 W (half-power)
<0.06
%
65
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dBV
Crosstalk
Po = 1 W, Gain = 20 dB, f = 1 kHz
–70
dB
Maximum output at THD+N < 1%, f = 1 kHz,
SNR
Signal-to-noise ratio
102
dB
Gain = 20 dB, A-weighted
fOSC
Oscillator frequency
250
310
350
kHz
Thermal trip point
150
°C
Thermal hysteresis
15
°C
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
Pin #
Shutdown logic input for audio amp(LOW = outputs Hi-Z, HIGH = outputs enabled).
SD
1
I
TTL logic levels with compliance to AVCC.
Open drain output used to display short circuit or dc detect fault status. Voltage
compliant to AVCC. Short circuit faults can be set to auto-recovery by connecting
FAULT
2
O
FAULT pin to SD pin. Otherwise bothe short circuit faults and dc detect faults must
be reset by cycling PVCC.
GND
3
Connect to local ground
GND
4
Connect to local ground
GAIN0
5
I
Gain select least significant bit. TTL logic levels with compliance to AVCC.
GAIN1
6
I
Gain select most significant bit. TTL logic levels with compliance to AVCC.
AVCC
7
P
Analog supply.
AGND
8
Analog supply ground. Connect to the thermal pad.
High-side FET gate drive supply. Nominal voltage is 7V. May also be used as
GVDD
9
O
supply for PLILMIT divider. Add a 1mF cap to ground at this pin.
Power limit level adjust. Connect directly to GVDD pin for no power limiting. Add a
PLIMIT
10
I
1mF cap to ground at this pin.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPA3111D1


Podobny numer części - TPA3111D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI1-TPA3111D1 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
More results

Podobny opis - TPA3111D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com