Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM19CIZ Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM19CIZ
Szczegółowy opis  2.4V, 10關A, TO-92 Temperature Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM19CIZ Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  LM19CIZ Datasheet HTML 1Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 2Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 3Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 4Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 5Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 6Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 7Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 8Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: When the input voltage (V
I) at any pin exceeds power supplies (VI < GND or VI > V
+), the current at that pin should be limited to 5 mA.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 4: The junction to ambient thermal resistance (
θ
JA) is specified without a heat sink in still air.
Note 5: Typicals are at T
J = TA = 25°C and represent most likely parametric norm.
Note 6: Limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
Note 7: Accuracy is defined as the error between the measured and calculated output voltage at the specified conditions of voltage, current, and temperature
(expressed in°C).
Note 8: Non-Linearity is defined as the deviation of the calculated output-voltage-versus-temperature curve from the best-fit straight line, over the temperature
range specified.
Note 9: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating effects can be
computed by multiplying the internal dissipation by the thermal resistance.
Note 10: Negative currents are flowing into the LM19. Positive currents are flowing out of the LM19. Using this convention the LM19 can at most sink −1
μA and
source +16
μA.
Note 11: Load regulation or output impedance specifications apply over the supply voltage range of +2.4V to +5.5V.
Note 12: Line regulation is calculated by subtracting the output voltage at the highest supply input voltage from the output voltage at the lowest supply input
voltage.
Typical Performance Characteristics
Temperature Error vs. Temperature
20004034
Thermal Response in Still Air
20004035
1.0 LM19 Transfer Function
The LM19's transfer function can be described in different
ways with varying levels of precision. A simple linear transfer
function, with good accuracy near 25°C, is
V
O= −11.69 mV/°C × T + 1.8663 V
Over the full operating temperature range of −55°C to +130°
C, best accuracy can be obtained by using the parabolic
transfer function
V
O = (−3.88×10
−6×T2) + (−1.15×10−2×T) + 1.8639
solving for T:
A linear transfer function can be used over a limited temper-
ature range by calculating a slope and offset that give best
results over that range. A linear transfer function can be cal-
culated from the parabolic transfer function of the LM19. The
slope of the linear transfer function can be calculated using
the following equation:
m = −7.76 × 10−6× T − 0.0115,
where T is the middle of the temperature range of interest and
m is in V/°C. For example for the temperature range of T
min=
−30 to T
max=+100°C:
T=35°C
and
m = −11.77 mV/°C
The offset of the linear transfer function can be calculated us-
ing the following equation:
b = (V
OP(Tmax) + VOP(T) − m × (Tmax+T))/2
,
where:
V
OP(Tmax) is the calculated output voltage at Tmax using
the parabolic transfer function for V
O
V
OP(T) is the calculated output voltage at T using the
parabolic transfer function for V
O.
Using this procedure the best fit linear transfer function for
many popular temperature ranges was calculated in Figure
2. As shown in Figure 2 the error that is introduced by the
linear transfer function increases with wider temperature
ranges.
www.national.com
4


Podobny numer części - LM19CIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM19CIZ NSC-LM19CIZ Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
LM19CIZ NSC-LM19CIZ Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19CIZ/LFT4 TI1-LM19CIZ/LFT4 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19CIZ/NOPB TI1-LM19CIZ/NOPB Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results

Podobny opis - LM19CIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI-LM19_15 Datasheet
268Kb / 14P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com