Zakładka z wyszukiwarką danych komponentów |
|
TS3A44159RGTR Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
TS3A44159RGTR Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 30 page ABSOLUTE MAXIMUM RATINGS (1) (2) TS3A44159 www.ti.com ......................................................................................................................................................... SCDS225A – MARCH 2007 – REVISED JUNE 2008 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT V+ Supply voltage range(3) –0.5 4.6 V VNC VNO Analog voltage range(3)(4)(5) –0.5 V+ + 0.5 V VCOM IK Analog port diode current VNC, VNO, VCOM < 0 –50 mA INC ON-state switch current –200 200 INO VNC, VNO, VCOM = 0 to V+ mA ON-state peak switch current(6) –400 400 ICOM VI Digital input voltage range –0.5 4.6 V IIK Digital input clamp current(3)(4) VI < 0 –50 mA I+ Continuous current through V+ 100 mA IGND Continuous current through GND –100 mA PW package 108 θ JA Package thermal impedance(7) RGT package TBD °C/W RSV package TBD Tstg Storage temperature range –65 150 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. (2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (3) All voltages are with respect to ground, unless otherwise specified. (4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (5) This value is limited to 4.6 V maximum. (6) Pulse at 1-ms duration <10% duty cycle (7) The package thermal impedance is calculated in accordance with JESD 51-7. Copyright © 2007–2008, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TS3A44159 |
Podobny numer części - TS3A44159RGTR |
|
Podobny opis - TS3A44159RGTR |