Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A5018DGVRG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TS3A5018DGVRG4
Szczegółowy opis  10-廓 QUAD SPDT ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018DGVRG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TS3A5018DGVRG4 Datasheet HTML 7Page - Texas Instruments TS3A5018DGVRG4 Datasheet HTML 8Page - Texas Instruments TS3A5018DGVRG4 Datasheet HTML 9Page - Texas Instruments TS3A5018DGVRG4 Datasheet HTML 10Page - Texas Instruments TS3A5018DGVRG4 Datasheet HTML 11Page - Texas Instruments TS3A5018DGVRG4 Datasheet HTML 12Page - Texas Instruments TS3A5018DGVRG4 Datasheet HTML 13Page - Texas Instruments TS3A5018DGVRG4 Datasheet HTML 14Page - Texas Instruments TS3A5018DGVRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TS3A5018
www.ti.com
SCDS189D – JANUARY 2005 – REVISED MARCH 2010
PARAMETER DESCRIPTION
SYMBOL
DESCRIPTION
VCOM
Voltage at COM
VNC
Voltage at NC
VNO
Voltage at NO
ron
Resistance between COM and NC or NO ports when the channel is ON
Δron
Difference of ron between channels in a specific device
ron(flat)
Difference between the maximum and minimum value of ron in a channel over the specified range of conditions
INC(OFF)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the output
INC(ON)
(COM) open
INO(OFF)
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the OFF state
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the ON state and the output
INO(ON)
(COM) open
ICOM(OFF)
Leakage current measured at the COM port, with the corresponding channel (COM to NC or NO) in the OFF state
Leakage current measured at the COM port, with the corresponding channel (COM to NC or NO) in the ON state and the
ICOM(ON)
output (NC or NO) open
VIH
Minimum input voltage for logic high for the control input (IN, EN)
VIL
Maximum input voltage for logic low for the control input (IN, EN)
VI
Voltage at the control input (IN, EN)
IIH, IIL
Leakage current measured at the control input (IN, EN)
Turn-on time for the switch. This parameter is measured under the specified range of conditions and by the propagation
tON
delay between the digital control (IN) signal and analog output NC or NO) signal when the switch is turning ON.
Turn-off time for the switch. This parameter is measured under the specified range of conditions and by the propagation
tOFF
delay between the digital control (IN) signal and analog output (NC or NO) signal when the switch is turning OFF.
Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC or NO)
QC
output. This is measured in coulomb (C) and measured by the total charge induced due to switching of the control input.
Charge injection, QC = CL × ΔVCOM, CL is the load capacitance and ΔVCOM is the change in analog output voltage.
CNC(OFF)
Capacitance at the NC port when the corresponding channel (NC to COM) is OFF
CNC(ON)
Capacitance at the NC port when the corresponding channel (NC to COM) is ON
CNO(OFF)
Capacitance at the NC port when the corresponding channel (NO to COM) is OFF
CNO(ON)
Capacitance at the NC port when the corresponding channel (NO to COM) is ON
CCOM(OFF)
Capacitance at the COM port when the corresponding channel (COM to NC) is OFF
CCOM(ON)
Capacitance at the COM port when the corresponding channel (COM to NC) is ON
CI
Capacitance of control input (IN, EN)
OFF isolation of the switch is a measurement of OFF-state switch impedance. This is measured in dB in a specific
OISO
frequency, with the corresponding channel (NC to COM) in the OFF state.
Crosstalk is a measurement of unwanted signal coupling from an ON channel to an OFF channel (NC1 to NO1). Adjacent
XTALK
crosstalk is a measure of unwanted signal coupling from an ON channel to an adjacent ON channel (NC1 to NC2) .This is
measured in a specific frequency and in dB.
BW
Bandwidth of the switch. This is the frequency in which the gain of an ON channel is –3 dB below the DC gain.
Total harmonic distortion describes the signal distortion caused by the analog switch. This is defined as the ratio of root
THD
mean square (RMS) value of the second, third, and higher harmonic to the absolute magnitude of the fundamental
harmonic.
I+
Static power-supply current with the control (IN) pin at V+ or GND
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS3A5018


Podobny numer części - TS3A5018DGVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5018DGVRG4 TI-TS3A5018DGVRG4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Podobny opis - TS3A5018DGVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com