Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A5018PWRE4 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3A5018PWRE4
Szczegółowy opis  10-廓 QUAD SPDT ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018PWRE4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TS3A5018PWRE4 Datasheet HTML 3Page - Texas Instruments TS3A5018PWRE4 Datasheet HTML 4Page - Texas Instruments TS3A5018PWRE4 Datasheet HTML 5Page - Texas Instruments TS3A5018PWRE4 Datasheet HTML 6Page - Texas Instruments TS3A5018PWRE4 Datasheet HTML 7Page - Texas Instruments TS3A5018PWRE4 Datasheet HTML 8Page - Texas Instruments TS3A5018PWRE4 Datasheet HTML 9Page - Texas Instruments TS3A5018PWRE4 Datasheet HTML 10Page - Texas Instruments TS3A5018PWRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TS3A5018
www.ti.com
SCDS189D – JANUARY 2005 – REVISED MARCH 2010
Electrical Characteristics for 2.5-V Supply
(1)
(continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
2.5 V
2.5
5
9.5
VCOM = 1.5 V,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 300 Ω,
See Figure 17
Full
2.5
10.5
2.7 V
25°C
2.5 V
0.5
3
7.5
VCOM = 1.5 V,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 300 Ω,
See Figure 17
Full
0.5
9
2.7 V
Charge
VGEN = 0,
CL = 0.1 nF,
QC
25°C
2.5 V
1
pC
injection
RGEN = 0,
See Figure 22
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
OFF
See Figure 16
25°C
2.5 V
3
pF
CNO(OFF)
Switch OFF,
capacitance
COM
VCOM = V+ or GND,
OFF
CCOM(OFF)
See Figure 16
25°C
2.5 V
9
pF
Switch OFF,
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
ON
See Figure 16
25°C
2.5 V
16
pF
CNO(ON)
Switch ON,
capacitance
COM
VCOM = V+ or GND,
ON
CCOM(ON)
See Figure 16
25°C
2.5 V
16
pF
Switch ON,
capacitance
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
2.5 V
3
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25°C
2.5 V
300
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
2.5 V
–48
dB
f = 10 MHz,
See Figure 19
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
2.5 V
–48
dB
f = 10 MHz,
See Figure 20
Crosstalk
RL = 50 Ω,
Switch ON,
XTALK(ADJ)
25°C
3.3 V
–81
dB
adjacent
f = 10 MHz,
See Figure 21
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
2.5 V
0.33
%
distortion
CL = 50 pF,
See Figure 23
Supply
25°C
2.5
7
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
2.7 V
mA
current
Full
10
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS3A5018


Podobny numer części - TS3A5018PWRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5018PWRE4 TI-TS3A5018PWRE4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Podobny opis - TS3A5018PWRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com