Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL16C2550PFBR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TL16C2550PFBR
Szczegółowy opis  1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL16C2550PFBR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TL16C2550PFBR Datasheet HTML 2Page - Texas Instruments TL16C2550PFBR Datasheet HTML 3Page - Texas Instruments TL16C2550PFBR Datasheet HTML 4Page - Texas Instruments TL16C2550PFBR Datasheet HTML 5Page - Texas Instruments TL16C2550PFBR Datasheet HTML 6Page - Texas Instruments TL16C2550PFBR Datasheet HTML 7Page - Texas Instruments TL16C2550PFBR Datasheet HTML 8Page - Texas Instruments TL16C2550PFBR Datasheet HTML 9Page - Texas Instruments TL16C2550PFBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
www.ti.com
RCV
FIFO
Serial to
Parallel
Flow
Control
XMT
FIFO
Parallel
to Serial
Flow
Control
Parallel
to Serial
Flow
Control
Serial to
Parallel
Flow
Control
XMT
FIFO
RCV
FIFO
ACE1
ACE2
D7 −D0
RX
TX
RTS
CTS
TX
RX
CTS
RTS
D7 −D0
Auto-CTS (See Figure 2)
Auto-RTS (See Figure 3 and Figure 4)
Enabling Autoflow Control and Auto-CTS
Auto-CTS and Auto-RTS Functional Timing
Start
Bits 0 −7
Start
Bits 0 −7
Start
Bits 0 −7
Stop
Stop
Stop
SOUT
CTS
TL16C2550
SLWS161D – JUNE 2005 – REVISED OCTOBER 2006
Figure 1. Autoflow Control (Auto-RTS and Auto-CTS) Example
The transmitter circuitry checks CTS before sending the next data byte. When CTS is active, it sends the next
byte. To stop the transmitter from sending the following byte, CTS must be released before the middle of the last
stop bit that is currently being sent (see Figure 1). The auto-CTS function reduces interrupts to the host system.
When flow control is enabled, CTS level changes do not trigger host interrupts because the device automatically
controls its own transmitter. Without auto-CTS, the transmitter sends any data present in the transmit FIFO and
a receiver overrun error may result.
Auto-RTS data flow control originates in the receiver timing and control block (see functional block diagram) and
is linked to the programmed receiver FIFO trigger level. When the receiver FIFO level reaches a trigger level of
1, 4, or 8 (see Figure 2), RTS is deasserted. With trigger levels of 1, 4, and 8, the sending ACE may send an
additional byte after the trigger level is reached (assuming the sending ACE has another byte to send) because
it may not recognize the deassertion of RTS until after it has begun sending the additional byte. RTS is
automatically reasserted once the RCV FIFO is emptied by reading the receiver buffer register.
When the trigger level is 14 (see Figure 3), RTS is deasserted after the first data bit of the 16th character is
present on the RX line. RTS is reasserted when the RCV FIFO has at least one available byte space.
Autoflow control is enabled by setting modem control register bits 5 (autoflow enable or AFE) and 1 (RTS) to a
1. Autoflow incorporates both auto-RTS and auto-CTS. When only auto-CTS is desired, bit 1 in the modem
control register should be cleared (this assumes that a control signal is driving CTS).
Figure 2. CTS Functional Timing Waveforms
6
Submit Documentation Feedback


Podobny numer części - TL16C2550PFBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C2550PFBR TI-TL16C2550PFBR Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results

Podobny opis - TL16C2550PFBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI-TL16C2752 Datasheet
340Kb / 25P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com