Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MN Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części Z0103MN
Szczegółowy opis  Sensitive Gate Triac Series Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Z0103MN Arkusz danych(HTML) 5 Page - ON Semiconductor

  Z0103MN Datasheet HTML 1Page - ON Semiconductor Z0103MN Datasheet HTML 2Page - ON Semiconductor Z0103MN Datasheet HTML 3Page - ON Semiconductor Z0103MN Datasheet HTML 4Page - ON Semiconductor Z0103MN Datasheet HTML 5Page - ON Semiconductor Z0103MN Datasheet HTML 6Page - ON Semiconductor Z0103MN Datasheet HTML 7Page - ON Semiconductor Z0103MN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Z0103MN, Z0107MN, Z0109MN
http://onsemi.com
5
110
100
90
80
60
50
70
IT(RMS), RMS ON‐STATE CURRENT (AMPS)
110
100
90
80
60
50
40
30
20
70
Figure 2. On-State Characteristics
Figure 3. Junction to Ambient Thermal
Resistance versus Copper Tab Area
Figure 4. Current Derating, Minimum Pad Size
Reference: Ambient Temperature
Figure 5. Current Derating, 1.0 cm Square Pad
Reference: Ambient Temperature
FOIL AREA (cm2)
vT, INSTANTANEOUS ON‐STATE VOLTAGE (VOLTS)
IT(RMS), RMS ON‐STATE CURRENT (AMPS)
Figure 6. Current Derating, 2.0 cm Square Pad
Reference: Ambient Temperature
10
1.0
0.1
0.01
5.0
4.0
3.0
2.0
30
60
70
80
90
160
2.0
0
110
0.5
0.3
0.2
0.1
0
IT(RMS), RMS ON‐STATE CURRENT (AMPS)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.5
0.4
0.3
0.2
0.1
0
1.0
0
4.0
6.0
8.0
10
100
90
80
60
50
40
30
20
0.6
0.7
0.8
150
140
130
120
110
40
50
100
TYPICAL
MAXIMUM
4
1 23
MINIMUM
FOOTPRINT = 0.076 cm2
DEVICE MOUNTED ON
FIGURE 1 AREA = L2
PCB WITH TAB AREA
AS SHOWN
0.4
70
dc
30
°
60
°
90
°
α = 180°
dc
30
°
MINIMUM FOOTPRINT
50 OR 60 Hz
120
°
110
105
100
95
90
85
80
IT(RMS), ON‐STATE CURRENT (AMPS)
Figure 7. Current Derating
Reference: MT2 Tab
0.5
0.4
0.3
0.2
0.1
0
0.6
0.7
0.8
120
°
dc
30
°
120
°
L
L
90
°
120
°
90
°
60
°
30
°
90
°
TYPICAL AT TJ = 110°C
MAX AT TJ = 110°C
MAX AT TJ = 25°C
60
°
α = 180°
1.0 cm2 FOIL AREA
50 OR 60 Hz
dc
α = 180°
α = 180°
REFERENCE:
FIGURE 1
60
°
α
α
α
α
α = CONDUCTION
ANGLE
α
α
α
α
4.0 cm2 FOIL AREA
α = CONDUCTION
ANGLE
α = CONDUCTION
ANGLE
α = CONDUCTION
ANGLE


Podobny numer części - Z0103MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MN PHILIPS-Z0103MN Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0103MN STMICROELECTRONICS-Z0103MN Datasheet
74Kb / 8P
   1A TRIACS
Z0103MN STMICROELECTRONICS-Z0103MN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
More results

Podobny opis - Z0103MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC15S ONSEMI-MAC15S Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com