Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0109MA Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części Z0109MA
Szczegółowy opis  Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Z0109MA Arkusz danych(HTML) 1 Page - ON Semiconductor

  Z0109MA Datasheet HTML 1Page - ON Semiconductor Z0109MA Datasheet HTML 2Page - ON Semiconductor Z0109MA Datasheet HTML 3Page - ON Semiconductor Z0109MA Datasheet HTML 4Page - ON Semiconductor Z0109MA Datasheet HTML 5Page - ON Semiconductor Z0109MA Datasheet HTML 6Page - ON Semiconductor Z0109MA Datasheet HTML 7Page - ON Semiconductor Z0109MA Datasheet HTML 8Page - ON Semiconductor Z0109MA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2009
June, 2009− Rev. 2
1
Publication Order Number:
Z0103MA/D
Z0103MA, Z0107MA,
Z0109MA
Sensitive Gate Triacs
Series
Silicon Bidirectional Thyristors
Designed for use in solid state relays, MPU interface, TTL logic and
any other light industrial or consumer application. Supplied in an
inexpensive TO−92 package which is readily adaptable for use in
automatic insertion equipment.
Features
One−Piece, Injection−Molded Package
Blocking Voltage to 600 V
Sensitive Gate Triggering in Four Trigger Modes (Quadrants) for all
possible Combinations of Trigger Sources, and especially for Circuits
that Source Gate Drives
All Diffused and Glassivated Junctions for Maximum Uniformity of
Parameters and Reliability
Improved Noise Immunity (dv/dt Minimum of 10 V/msec at 110°C)
Commutating di/dt of 1.6 A/msec at 110°C
High Surge Current of 8 A
These are Pb−Free Devices
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage
(TJ = −40 to +125°C)(1)
Sine Wave 50 to 60 Hz, Gate Open
VDRM,
VRRM
600
V
On-State RMS Current
Full Cycle Sine Wave 50 to 60 Hz
(TC = +50°C)
IT(RMS)
1.0
A
Peak Non−Repetitive Surge Current
One Full Cycle, Sine Wave 60 Hz
(TC = 110°C)
ITSM
8.0
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
0.35
A2s
Average Gate Power (TC = 80°C, t v 8.3 ms)
PG(AV)
1.0
W
Peak Gate Current (t v 20 ms, TJ = +125°C)
IGM
1.0
A
Operating Junction Temperature Range
TJ
−40 to
+125
°C
Storage Temperature Range
Tstg
−40 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TRIACS
1.0 AMPERE RMS
600 VOLTS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
MT1
G
MT2
TO−92 (TO−226AA)
CASE 029
STYLE 12
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 2
Main Terminal 1
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
12 3
Z01
10xMA
YWW G
G
MARKING DIAGRAM
x
= 3,7,9
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Podobny numer części - Z0109MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0109MA PHILIPS-Z0109MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
74Kb / 8P
   1A TRIACS
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0109MA NXP-Z0109MA Datasheet
184Kb / 12P
   Logic level four-quadrant triac
Rev. 03-4 August 2009
logo
Tiger Electronic Co.,Lt...
Z0109MA TGS-Z0109MA Datasheet
153Kb / 1P
   1A TRIACS
More results

Podobny opis - Z0109MA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com