Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0109MN Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części Z0109MN
Szczegółowy opis  Sensitive Gate Triac Series Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Z0109MN Arkusz danych(HTML) 6 Page - ON Semiconductor

  Z0109MN Datasheet HTML 1Page - ON Semiconductor Z0109MN Datasheet HTML 2Page - ON Semiconductor Z0109MN Datasheet HTML 3Page - ON Semiconductor Z0109MN Datasheet HTML 4Page - ON Semiconductor Z0109MN Datasheet HTML 5Page - ON Semiconductor Z0109MN Datasheet HTML 6Page - ON Semiconductor Z0109MN Datasheet HTML 7Page - ON Semiconductor Z0109MN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Z0103MN, Z0107MN, Z0109MN
http://onsemi.com
6
Figure 8. Power Dissipation
1.0
0.8
0.7
0.5
0.4
0.2
0
IT(RMS), RMS ON‐STATE CURRENT (AMPS)
Figure 9. Thermal Response, Device
Mounted on Figure 1 Printed Circuit Board
0.5
0.4
0.3
0.2
0.1
0
0.6
0.7
0.8
dc
90
°
120
°
10
1.0
di/dtc, RATE OF CHANGE OF COMMUTATING CURRENT (A/mS)
t, TIME (SECONDS)
0.01
1.0
0.001
0.0001
1.0
0.01
0.1
10
100
10
0.1
10
1.0
TJ, JUNCTION TEMPERATURE (°C)
90
80
70
60
100
110
VDRM = 200 V
400 Hz
300 Hz
0.9
0.6
0.3
0.1
1.0
110
°
VDRM
ITM
60 Hz
tw
30
°
f =
1
2 tw
60
°
80
°
180 Hz
α = 180°
60
°
(di dt)c +
6f I
TM
1000
100
°
α
α
α = CONDUCTION
ANGLE
Figure 10. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Voltage (dv/dt)c
LL
1N4007
200 V
+
MEASURE
I
-
CHARGE
CONTROL
CHARGE
TRIGGER
NON‐POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (dv/dt)c. See AN1048 for additional information.
RS
ADJUST FOR
dv/dt(c)
CS
Figure 11. Typical Commutating dv/dt versus
Current Crossing Rate and Junction Temperature
Figure 12. Typical Commutating dv/dt versus
Junction Temperature at 0.8 Amps RMS


Podobny numer części - Z0109MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0109MN PHILIPS-Z0109MN Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109MN STMICROELECTRONICS-Z0109MN Datasheet
74Kb / 8P
   1A TRIACS
Z0109MN STMICROELECTRONICS-Z0109MN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109MN NXP-Z0109MN Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
More results

Podobny opis - Z0109MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC15S ONSEMI-MAC15S Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com