Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MARLRFG Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części Z0103MARLRFG
Szczegółowy opis  Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Z0103MARLRFG Arkusz danych(HTML) 5 Page - ON Semiconductor

  Z0103MARLRFG Datasheet HTML 1Page - ON Semiconductor Z0103MARLRFG Datasheet HTML 2Page - ON Semiconductor Z0103MARLRFG Datasheet HTML 3Page - ON Semiconductor Z0103MARLRFG Datasheet HTML 4Page - ON Semiconductor Z0103MARLRFG Datasheet HTML 5Page - ON Semiconductor Z0103MARLRFG Datasheet HTML 6Page - ON Semiconductor Z0103MARLRFG Datasheet HTML 7Page - ON Semiconductor Z0103MARLRFG Datasheet HTML 8Page - ON Semiconductor Z0103MARLRFG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Z0103MA, Z0107MA, Z0109MA
http://onsemi.com
5
a
a
a = CONDUCTION ANGLE
0.5
0.6
0.7
0.8
0.1
0.2
0.3
0.4
0
110
100
90
80
70
60
IT(RMS), RMS ON-STATE CURRENT (AMPS)
T = 30°
60
°
90
°
DC
180
°
120
°
50
40
30
Figure 1. RMS Current Derating
Figure 2. RMS Current Derating
a
a
a = CONDUCTION ANGLE
0.25
0.3
0.35
0.4
0.05
0.1
0.15
0.2
0
90
80
70
60
50
40
IT(RMS), RMS ON-STATE CURRENT (AMPS)
30
20
100
110
T = 30°
60
°
90
°
DC
180
°
120
°
Figure 3. Power Dissipation
0.4
0.5
0.6
0.7
0
0.1
0.2
0.3
0.6
0.4
0.2
0
IT(RMS), RMS ON-STATE CURRENT (AMPS)
0.8
a
a
a = CONDUCTION ANGLE
0.8
1.0
1.2
T = 30°
60
°
90
°
DC
180
°
120
°
0.006
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
1.0
2.0
4.0
6.0
TJ = 110°C
25
°C
0.4
1.2
2.0
2.8
3.6
4.4
5.2
6.0
VTM, INSTANTANEOUS ON‐STATE VOLTAGE (VOLTS)
Figure 4. On−State Characteristics


Podobny numer części - Z0103MARLRFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MA PHILIPS-Z0103MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
74Kb / 8P
   1A TRIACS
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MA NXP-Z0103MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 4-18 March 2011
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
More results

Podobny opis - Z0103MARLRFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com