Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0103MNT1G Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części Z0103MNT1G
Szczegółowy opis  Sensitive Gate Triac Series Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Z0103MNT1G Arkusz danych(HTML) 2 Page - ON Semiconductor

  Z0103MNT1G Datasheet HTML 1Page - ON Semiconductor Z0103MNT1G Datasheet HTML 2Page - ON Semiconductor Z0103MNT1G Datasheet HTML 3Page - ON Semiconductor Z0103MNT1G Datasheet HTML 4Page - ON Semiconductor Z0103MNT1G Datasheet HTML 5Page - ON Semiconductor Z0103MNT1G Datasheet HTML 6Page - ON Semiconductor Z0103MNT1G Datasheet HTML 7Page - ON Semiconductor Z0103MNT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Z0103MN, Z0107MN, Z0109MN
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
TJ = 25°C
(VD = Rated VDRM, VRRM; Gate Open)
TJ = +125°C
IDRM, IRRM
5.0
500
mA
mA
ON CHARACTERISTICS
Peak On−State Voltage
(ITM = "1.4 A Peak; Pulse Width v 2.0 ms, Duty Cycle v 2.0%)
VTM
1.56
V
Gate Trigger Current (Continuous dc)
Z0103MN
(VD = 12 Vdc, RL = 30 Ohms)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
MT2(−), G(+)
IGT
0.15
0.15
0.15
0.25
3.0
3.0
3.0
5.0
mA
Gate Trigger Current (Continuous dc)
Z0107MN
(VD = 12 Vdc, RL = 30 Ohms)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
MT2(−), G(+)
IGT
0.15
0.15
0.15
0.25
5.0
5.0
5.0
7.0
mA
Gate Trigger Current (Continuous dc)
Z0109MN
(VD = 12 Vdc, RL = 30 Ohms)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
MT2(−), G(+)
IGT
0.15
0.15
0.15
0.25
10
10
10
10
mA
Latching Current (VD = 12 V, IG = 1.2 x IGT)
Z0103MN
MT2(+), G(+) All Types
MT2(+), G(−) All Types
MT2(−), G(−) All Types
MT2(−), G(+) All Types
IL
7.0
15
7.0
7.0
mA
Latching Current (VD = 12 V, IG = 1.2 x IGT)
Z0107MN
MT2(+), G(+) All Types
MT2(+), G(−) All Types
MT2(−), G(−) All Types
MT2(−), G(+) All Types
IL
10
20
10
10
mA
Latching Current (VD = 12 V, IG = 1.2 x IGT)
Z0109MN
MT2(+), G(+) All Types
MT2(+), G(−) All Types
MT2(−), G(−) All Types
MT2(−), G(+) All Types
IL
15
25
15
15
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 Vdc, RL = 30 Ohms)
VGT
1.3
V
Gate Non−Trigger Voltage (VD = 12 V, RL = 30 Ohms, TJ = 125°C)
All Four Quadrants
VGD
0.2
V
Holding Current
(Z0103MA)
(VD = 12 Vdc, Initiating Current = 50 mA, Gate Open)
(Z0107MA, Z0109MA)
IH
7.0
10
mA
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current
(VD = 400 V, ITM = 0.84 A, Commutating dv/dt = 1.5 V/ms, Gate Open,
TJ = 110°C, f = 250 Hz, with Snubber)
di/dt(c)
1.6
A/ms
Critical Rate of Rise of Off−State Voltage (VD = 67% Rated VDRM, Exponential
Waveform, Gate Open, TJ = 110°C)
Z0103MN
Z0107MN
Z0109MN
dv/dt
10
20
50
30
60
75
V/ms
Repetitive Critical Rate of Rise of On−State Current, TJ = 125°C
Pulse Width = 20 ms, IPKmax = 15 A, diG/dt = 1 A/ms, f = 60 Hz
di/dt
20
A/ms


Podobny numer części - Z0103MNT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0103MN PHILIPS-Z0103MN Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0103MN STMICROELECTRONICS-Z0103MN Datasheet
74Kb / 8P
   1A TRIACS
Z0103MN STMICROELECTRONICS-Z0103MN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MN NXP-Z0103MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
More results

Podobny opis - Z0103MNT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC15S ONSEMI-MAC15S Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com