Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0107MARLRPG Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części Z0107MARLRPG
Szczegółowy opis  Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Z0107MARLRPG Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button Z0107MARLRPG Datasheet HTML 2Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 3Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 4Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 5Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 6Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 7Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 8Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 9Page - ON Semiconductor Z0107MARLRPG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Z0103MA, Z0107MA, Z0109MA
http://onsemi.com
6
Figure 5. Transient Thermal Response
Figure 6. Maximum Allowable Surge Current
0.1
1.0
10
100
1.
0
t, TIME (ms)
0.1
0.01
1•103
1•104
3.0
30
50
1.0
2.0
100
3.0
2.0
1.0
NUMBER OF CYCLES
5.0
10
ZQJC(t) = RQJC(t) @ r(t)
10
5.0
Surge is preceded and followed by rated current.
TJ = 110°C
f = 60 Hz
CYCLE
Figure 7. Typical Gate Trigger Current versus
Junction Temperature
Figure 8. Typical Gate Trigger Voltage versus
Junction Temperature
Figure 9. Typical Latching Current versus
Junction Temperature
Figure 10. Typical Holding Current versus
Junction Temperature
100
10
1
0
TJ, JUNCTION TEMPERATURE (°C)
1.2
0.4
TJ, JUNCTION TEMPERATURE (°C)
0.3
TJ, JUNCTION TEMPERATURE (°C)
1
TJ, JUNCTION TEMPERATURE (°C)
0.1
35
50
80
-40
-25
5
20
95
110
20
35
80
-40 -25
-10
5
95
110
10
-10
65
Q4
Q3
Q2
Q1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
50
65
Q4
Q3
Q2
Q1
100
10
1
0
35
50
80
-40
-25
5
20
95
110
-10
65
Q4
Q3
Q2
Q1
35
50
80
-40
-25
5
20
95
110
-10
65
MT2 Negative
MT2 Positive


Podobny numer części - Z0107MARLRPG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0107MA PHILIPS-Z0107MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA STMICROELECTRONICS-Z0107MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0107MA NXP-Z0107MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
logo
Tiger Electronic Co.,Lt...
Z0107MA TGS-Z0107MA Datasheet
153Kb / 1P
   1A TRIACS
More results

Podobny opis - Z0107MARLRPG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com