Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0109MNT1G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części Z0109MNT1G
Szczegółowy opis  Sensitive Gate Triac Series Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Z0109MNT1G Arkusz danych(HTML) 1 Page - ON Semiconductor

  Z0109MNT1G Datasheet HTML 1Page - ON Semiconductor Z0109MNT1G Datasheet HTML 2Page - ON Semiconductor Z0109MNT1G Datasheet HTML 3Page - ON Semiconductor Z0109MNT1G Datasheet HTML 4Page - ON Semiconductor Z0109MNT1G Datasheet HTML 5Page - ON Semiconductor Z0109MNT1G Datasheet HTML 6Page - ON Semiconductor Z0109MNT1G Datasheet HTML 7Page - ON Semiconductor Z0109MNT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
June, 2009 − Rev. 3
1
Publication Order Number:
Z0103MN/D
Z0103MN, Z0107MN,
Z0109MN
Sensitive Gate Triac Series
Silicon Bidirectional Thyristors
Designed for use in solid state relays, MPU interface, TTL logic and
other light industrial or consumer applications. Supplied in surface
mount package for use in automated manufacturing.
Features
Sensitive Gate Trigger Current in Four Trigger Modes
Blocking Voltage to 600 V
Glass Passivated Surface for Reliability and Uniformity
Surface Mount Package
These are Pb−Free Devices
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(Sine Wave, 50 to 60 Hz, Gate Open,
TJ = −40 to +125°C)
VDRM,
VRRM
600
V
On−State Current RMS (TC = 80°C)
(Full Sine Wave 50 to 60 Hz)
IT(RMS)
1.0
A
Peak Non−repetitive Surge Current (One Full
Cycle Sine Wave, 60 Hz, TC = 25°C)
ITSM
8.0
A
Circuit Fusing Considerations
(Pulse Width = 8.3 ms)
I2t
0.4
A2s
Average Gate Power (TC = 80°C, t v 8.3 ms)
PG(AV)
1.0
W
Peak Gate Current (t v 20 ms, TJ = +125°C)
IGM
1.0
A
Operating Junction Temperature Range
TJ
−40 to
+125
°C
Storage Temperature Range
Tstg
−40 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient PCB
Mounted per Figure 1
RqJA
156
°C/W
Thermal Resistance, Junction−to−Tab Meas-
ured on MT2 Tab Adjacent to Epoxy
RqJT
25
°C/W
Maximum Device Temperature for
Soldering Purposes for 10 Secs Maximum
TL
260
°C
TRIAC
1.0 AMPERE RMS
600 VOLTS
MT1
G
MT2
4
23
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
http://onsemi.com
SOT−223
CASE 318E
STYLE 11
MARKING
DIAGRAM
AYW
10XMN G
G
A
= Assembly Location
Y
= Year
W
= Work Week
10XMN = Device Code
x = 3, 7, 9
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Z0103MNT1G
SOT−223
(Pb−Free)
1000/Tape & Reel
Z0107MNT1G
SOT−223
(Pb−Free)
1000/Tape & Reel
Z0109MNT1G
SOT−223
(Pb−Free)
1000/Tape & Reel


Podobny numer części - Z0109MNT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
Z0109MN PHILIPS-Z0109MN Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109MN STMICROELECTRONICS-Z0109MN Datasheet
74Kb / 8P
   1A TRIACS
Z0109MN STMICROELECTRONICS-Z0109MN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109MN NXP-Z0109MN Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
More results

Podobny opis - Z0109MNT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC15S ONSEMI-MAC15S Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com