Zakładka z wyszukiwarką danych komponentów |
|
Z0107MARL1G Arkusz danych(PDF) 8 Page - ON Semiconductor |
|
Z0107MARL1G Arkusz danych(HTML) 8 Page - ON Semiconductor |
8 / 10 page Z0103MA, Z0107MA, Z0109MA http://onsemi.com 8 TO−92 EIA RADIAL TAPE IN FAN FOLD BOX OR ON REEL H2A H2A H F1 F2 P2 P2 P1 P D W W1 L1 W2 H2B H2B T1 T T2 H4 H5 H1 L Figure 12. Device Positioning on Tape Symbol Item Specification Inches Millimeter Min Max Min Max D Tape Feedhole Diameter 0.1496 0.1653 3.8 4.2 D2 Component Lead Thickness Dimension 0.015 0.020 0.38 0.51 F1, F2 Component Lead Pitch 0.0945 0.110 2.4 2.8 H Bottom of Component to Seating Plane 0.059 0.156 1.5 4.0 H1 Feedhole Location 0.3346 0.3741 8.5 9.5 H2A Deflection Left or Right 0 0.039 0 1.0 H2B Deflection Front or Rear 0 0.051 0 1.0 H4 Feedhole to Bottom of Component 0.7086 0.768 18 19.5 H5 Feedhole to Seating Plane 0.610 0.649 15.5 16.5 L Defective Unit Clipped Dimension 0.3346 0.433 8.5 11 L1 Lead Wire Enclosure 0.09842 − 2.5 − P Feedhole Pitch 0.4921 0.5079 12.5 12.9 P1 Feedhole Center to Center Lead 0.2342 0.2658 5.95 6.75 P2 First Lead Spacing Dimension 0.1397 0.1556 3.55 3.95 T Adhesive Tape Thickness 0.06 0.08 0.15 0.20 T1 Overall Taped Package Thickness − 0.0567 − 1.44 T2 Carrier Strip Thickness 0.014 0.027 0.35 0.65 W Carrier Strip Width 0.6889 0.7481 17.5 19 W1 Adhesive Tape Width 0.2165 0.2841 5.5 6.3 W2 Adhesive Tape Position .0059 0.01968 0.15 0.5 2. Maximum alignment deviation between leads not to be greater than 0.2 mm. 3. Defective components shall be clipped from the carrier tape such that the remaining protrusion (L) does not exceed a maximum of 11 mm. 4. Component lead to tape adhesion must meet the pull test requirements. 5. Maximum non−cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches. 6. Holddown tape not to extend beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 7. No more than 1 consecutive missing component is permitted. 8. A tape trailer and leader, having at least three feed holes is required before the first and after the last component. 9. Splices will not interfere with the sprocket feed holes. |
Podobny numer części - Z0107MARL1G |
|
Podobny opis - Z0107MARL1G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |