Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC2800SYNEVK Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MC2800SYNEVK
Szczegółowy opis  FLEX Paging RF/IF Frequency Synthesizer Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC2800SYNEVK Arkusz danych(HTML) 5 Page - Motorola, Inc

  MC2800SYNEVK Datasheet HTML 1Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 2Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 3Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 4Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 5Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 6Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 7Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 8Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC2800SYNEVK
5
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued)
Characteristic
Unit
Max
Typ
Min
Symbol
Conditions
(b) Phase B Characteristics [Note 3]
RF Input Frequency
N – Counter = 28B8(H)
282.000
MHz
Sensitivity
6400/4 Level FSK
R1 = ’0’
–119
dBm
1600/2 Level FSK
R1 = ’1’
–119
dBm
Co–channel Rejection
–10
dB
Adjacent Channel Rejection
dB
Low Side
56
High Side
56
Image Rejection
dB
First IF
6400/4 Level FSK
53
Second IF
6400/4 Level FSK
R1 =’0’
50
Intermodulation Rejection
R1 = 0
dB
Low Side
47
High Side
48
Blocking
dB
@ 1.0 MHz
69
@ 5.0 MHz
67
Total Current Consumption
Power Up
@ VCC = 1.15 V
4.3
mA
Power Down
@ VCC = 1.15 V
10
µA
NOTES: 1. Output of the LNA is matched to 230
Ω by inserting a 180 Ω resistor in series with its output port.
2. Output of the Mixer is matched to 1.5050 k
Ω by inserting a 1500 Ω resistor in series with its output port.
3. The circuit of this test board is the same as the schematic in Figure 2.
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1
PLL_DATA
PLL serial data input.
2
PLL_CLOCK
PLL clock signal.
3
R1
Control bit of the MC2800 bit–rate filter. Default value = ‘1’.
4
RESET
Pre–charge and reset of the MC2800. Default value = ‘0’.
5
VDD
Digital part of PLL and FLEX decoder operating voltage.
6
VCC
Battery supplies of MC2800.
7
ENABLE
MC2800 & PLL enable pin. (Vdd when ‘ON’)
8
D2
2–bit digital outputs of the MC2800.
9
D1
2–bit digital outputs of the MC2800.
10
PLL_LATCH
PLL input data latch.
11
Gnd
Ground pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC2800SYNEVK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
More results

Podobny opis - MC2800SYNEVK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
NEC
UPB1005GS NEC-UPB1005GS Datasheet
164Kb / 9P
   REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
UPB1005K NEC-UPB1005K Datasheet
120Kb / 16P
   REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Fujitsu Component Limit...
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com