Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ14201TZ-ADJ Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LMZ14201TZ-ADJ
Szczegółowy opis  1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ14201TZ-ADJ Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  LMZ14201TZ-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LMZ14201TZ-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LMZ14201TZ-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LMZ14201TZ-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LMZ14201TZ-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LMZ14201TZ-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LMZ14201TZ-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LMZ14201TZ-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LMZ14201TZ-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin
Name
Description
6
FB
Feedback — Internally connected to the regulation, over-voltage, and short-circuit comparators. The regulation
reference point is 0.8V at this input pin. Connected the feedback resistor divider between the output and ground to set
the output voltage.
7
VOUT Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin and exposed pad.
EP
EP
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package during operation. Must be
electrically connected to pin 4 external to the package.
3
www.national.com


Podobny numer części - LMZ14201TZ-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14201TZ-ADJ NSC-LMZ14201TZ-ADJ Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201TZ-ADJ NSC-LMZ14201TZ-ADJ Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201TZ-ADJ TI-LMZ14201TZ-ADJ Datasheet
2Mb / 26P
[Old version datasheet]   LMZ14201 1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201TZ-ADJ/NOPB TI-LMZ14201TZ-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14201TZ-ADJ/NOPB TI1-LMZ14201TZ-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results

Podobny opis - LMZ14201TZ-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI-LMZ14201_13 Datasheet
2Mb / 26P
[Old version datasheet]   LMZ14201 1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com