Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13146FTA Arkusz danych(PDF) 9 Page - Motorola, Inc

Numer części MC13146FTA
Szczegółowy opis  Low Power Integrated Transmitter for ISM Band Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13146FTA Arkusz danych(HTML) 9 Page - Motorola, Inc

Back Button MC13146FTA Datasheet HTML 5Page - Motorola, Inc MC13146FTA Datasheet HTML 6Page - Motorola, Inc MC13146FTA Datasheet HTML 7Page - Motorola, Inc MC13146FTA Datasheet HTML 8Page - Motorola, Inc MC13146FTA Datasheet HTML 9Page - Motorola, Inc MC13146FTA Datasheet HTML 10Page - Motorola, Inc MC13146FTA Datasheet HTML 11Page - Motorola, Inc MC13146FTA Datasheet HTML 12Page - Motorola, Inc MC13146FTA Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC13146
9
MOTOROLA RF/IF DEVICE DATA
100 p
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
24
23
22
21
20
19
Amp
Control
PRSC
Figure 8. Applications Circuit
Mixer/Buf Out
RF In
RF Out
MC
PRSC Out
Tuning
Volts
VCC
(3.6 V)
D1*
10 k
100 p
1.8 nH
* MMBV809L
4.7 p
C2
4.7 p
C1
1.0 n
4.3 p
C3
10 n
270
51
1.0 n
100 p
2.2 p
200
3.3 nH
10 nH
2.2 p
10 n
1.0 k
100 p
56 k
100 pF
100 p
56 k
Enable
100 p
1.0 n
1.0 n
L1
10
µ
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Podobny numer części - MC13146FTA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
More results

Podobny opis - MC13146FTA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SSTX4930 ETC1-SSTX4930 Datasheet
105Kb / 6P
   Low Power ISM-Band FM/FSK Transmitter
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
NXP Semiconductors
TCA07F NXP-TCA07F Datasheet
85Kb / 3P
   Integrated Miniaturized Antenna for 433 MHz ISM Band Wireless RF Applications
Ver 3.2 9/13/2000
TCA14A NXP-TCA14A Datasheet
207Kb / 3P
   Integrated Miniaturized Antenna for 838~898 MHz ISM Band Wireless RF Applications
Ver1.1 11/15/2001
logo
Micrel Semiconductor
MICRF405 MICREL-MICRF405 Datasheet
653Kb / 46P
   290MHz-980MHz ISM Band ASK / FSK Transmitter
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com