Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M1000-M05-L1025-T Arkusz danych(PDF) 6 Page - GSI Group, Inc.

Numer części M1000-M05-L1025-T
Szczegółowy opis  Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROESYS [GSI Group, Inc.]
Strona internetowa  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1000-M05-L1025-T Arkusz danych(HTML) 6 Page - GSI Group, Inc.

  M1000-M05-L1025-T Datasheet HTML 1Page - GSI Group, Inc. M1000-M05-L1025-T Datasheet HTML 2Page - GSI Group, Inc. M1000-M05-L1025-T Datasheet HTML 3Page - GSI Group, Inc. M1000-M05-L1025-T Datasheet HTML 4Page - GSI Group, Inc. M1000-M05-L1025-T Datasheet HTML 5Page - GSI Group, Inc. M1000-M05-L1025-T Datasheet HTML 6Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS-M1000 Rev G © 2008 MicroE Systems
Page 6
M
Miic
crro
oE
E S
Syysstte
em
mss – World Headquarters: 125 Middlesex Turnpike • Bedford • MA 01730
www.microesys.com • info@microesys.com • T. [781]-266-5700 • F. [781]-266-5112
To specify your Mercury encoder with the desired scale, cable length and software, consult the chart below to create the correct part
number for your order. Call MicroE Systems’ Rapid Customer Response team for more information [508] 903-5000.
How to Order Mercury 1000 Encoder Systems
All Specifications are subject to change. All
data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
Scale Mounting
For linear scales:
T = Tape mounting
C1 = 3 scale clamps*
C2 = 10 scale clamps**
Hubs for Rotary Scales:
NH = Without Hub
HE = for R1206
HA = for R1910
HB = for R3213
HC = for R5725
HD = for R10851
Scale Model
Lxxx or Rxxxx
-
-
Example (Linear Encoder): M1000-M05-L55-C1
Example (Rotary Encoder): M1000-M10-R1910-HA
* 3 clamps for linear scales up to 130mm
** 10 clamps for linear scales 155mm or longer
How to Order SmartPrecision Alignment
How to Order SmartPrecision Software
Example: Alignment Tool for Mercury 1000 encoder, 120 VAC = SSAT1000-120
SSAT1000
Voltage
120 = 120 VAC, 60Hz US Std. 2-prong plug
220 = 220 VAC, 50Hz European Std. 2-prong plug
SSWA-AT = SmartPrecision software on CD
Required for M1000 setup
Optional for SSAT1000 Alignment Tool
SmartPrecision Software
Key: inches[mm]
Model No.
Scale Outer
Scale Inner
Optical
Hub Inner
Hub
Fundamental
Diameter
Diameter
Diameter
Diameter
Thickness
CPR
+.0005/-0.0000
R1206
0.472 [12.00]
0.250 [6.35]
0.413 [10.50]
0.1253 [3.18]
0.040 [1.02]
1650
R1910
0.750 [19.05]
0.375 [9.52]
0.627 [15.92]
0.1253 [3.183]
0.040 [1.02]
2500
R3213
1.250 [31.75]
0.500 [12.70]
1.027 [26.08]
0.2503 [6.358]
0.050 [1.27]
4096
R5725
2.250 [57.15]
1.000 [25.40]
2.053 [52.15]
0.5003 [12.708]
0.060 [1.52]
8192
R10851
4.250 [107.95]
2.000 [50.80]
4.106 [104.30]
1.0003 [25.408]
0.080 [2.03]
16384
HUB I.D.
OPTICAL DIAMETER
SCALE O.D.
HUB THICKNESS
SCALE
PATTERN
MOUNTING
HOLES
Specifications
Material
Soda lime glass
Typical CTE
8ppm/°C
Standard Rotary Scales
Custom scales available
Cable Length
M05 = 0.5 m
M10 = 1.0 m
M20 = 2.0 m
M1000
-


Podobny numer części - M1000-M05-L1025-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
M100003BK TRIPPLITE-M100003BK Datasheet
471Kb / 2P
   Black USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100003WH TRIPPLITE-M100003WH Datasheet
479Kb / 2P
   White USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100006BK TRIPPLITE-M100006BK Datasheet
472Kb / 2P
   Black USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
M100006WH TRIPPLITE-M100006WH Datasheet
480Kb / 2P
   White USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
logo
List of Unclassifed Man...
M10001901 ETC2-M10001901 Datasheet
23Kb / 1P
   Ratchet Crimping Tool
More results

Podobny opis - M1000-M05-L1025-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Group, Inc.
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
   Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
logo
Nippon Precision Circui...
SM3470BB NPC-SM3470BB Datasheet
474Kb / 19P
   Interpolation Encoder IC
logo
List of Unclassifed Man...
IP200 ETC-IP200 Datasheet
301Kb / 30P
   Interpolation Circuit for Incremental Measuring Systems
logo
Contec Co., Ltd
AO-1604LX-USB CONTEC-AO-1604LX-USB Datasheet
910Kb / 5P
   High-Resolution Analog Output Unit for USB
DAI16-4GY CONTEC-DAI16-4GY Datasheet
206Kb / 3P
   Isolated High-Resolution Analog Output Module
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com