Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH32501 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74ALVCH32501
Szczegółowy opis  36-bit universal bus transceiver with direction pin; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32501 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVCH32501_04 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2004 Oct 13
8
Philips Semiconductors
Product specification
36-bit universal bus transceiver with direction pin;
3-state
74ALVCH32501
AC CHARACTERISTICS
Tamb = −40 °C to +85 °C; GND = 0 V
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
CL
VCC = 2.3 V to 2.7 V; tr =tf ≤ 2.0 ns; note 1
tPHL/tPLH
propagation delay
nAn to nBn; nBn to nAn
see Figs 4 and 8 30 pF
1.0
2.8
5.1
ns
nLEBA to nAn; nLEAB to nBn
see Figs 5 and 8 30 pF
1.1
3.5
6.1
ns
nCPBA to nAn; nCPAB to nBn
see Figs 5 and 8 30 pF
1.0
3.3
6.1
ns
tPZH/tPZL
3-state output enable time nOEAB to nBn
see Figs 6 and 8 30 pF
1.0
2.5
5.8
ns
3-state output enable time nOEBA to nAn
see Figs 6 and 8 30 pF
1.3
2.8
6.3
ns
tPHZ/tPLZ
3-state output disable time nOEAB to nBn
see Figs 6 and 8 30 pF
1.5
2.5
6.2
ns
3-state output disable time nOEBA to nAn
see Figs 6 and 8 30 pF
1.3
2.5
5.3
ns
tW
nLEAB or nLEBA pulse width HIGH
see Figs 5 and 8 30 pF
3.3
0.8
ns
nCPAB or nCPBA pulse width
HIGH or LOW
see Figs 5 and 8 30 pF
3.3
2.0
ns
tsu
set-up time
nAn before nCPAB↑ or nBn before nCPBA
see Figs 7 and 8 30 pF
1.7
0.1
ns
set-up time CP HIGH or LOW
nAn before nLEAB↓ or nBn before nLEBA
see Figs 7 and 8 30 pF
1.1
0.1
ns
th
hold time
nAn after nCPAB↑ or nBn after nCPBA
see Figs 7 and 8 30 pF
1.7
0.3
ns
hold time CP HIGH or LOW
nAn after nLEAB↓ or nBn after nLEBA
see Figs 7 and 8 30 pF
1.6
0.3
ns
fmax
maximum clock frequency
see Figs 5 and 8 30 pF
150
330
MHz
VCC = 2.7 V; tr =tf ≤ 2.5 ns; note 2
tPHL/tPLH
propagation delay
nAn to nBn; nBn to nAn
see Figs 4 and 8 50 pF
3.0
4.6
ns
nLEBA to nAn; nLEAB to nBn
see Figs 5 and 8 50 pF
3.6
5.3
ns
nCPBA to nAn; nCPAB to nBn
see Figs 5 and 8 50 pF
3.4
5.6
ns
tPZH/tPZL
3-state output enable time nOEAB to nBn
see Figs 6 and 8 50 pF
2.7
5.3
ns
3-state output enable time nOEBA to nAn
see Figs 6 and 8 50 pF
3.3
6.0
ns
tPHZ/tPLZ
3-state output disable time nOEAB to nBn
see Figs 6 and 8 50 pF
3.6
5.7
ns
3-state output disable time nOEBA to nAn
see Figs 6 and 8 50 pF
3.3
4.6
ns
tW
pulse width nLEAB or nLEBA HIGH
see Figs 5 and 8 50 pF
3.3
0.7
ns
pulse width nCPAB or nCPBA
HIGH or LOW
see Figs 5 and 8 50 pF
3.3
1.4
ns
tsu
set-up time
nAn before nCPAB↑ or nBn before nCPBA
see Figs 7 and 8 50 pF
+1.4
−0.1
ns
set-up time CP HIGH or LOW
nAn before nLEAB↓ or nBn before nLEBA
see Figs 7 and 8 50 pF
+1.0
−0.2
ns


Podobny numer części - 74ALVCH32501_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
logo
Texas Instruments
74ALVCH32501ZKFR TI1-74ALVCH32501ZKFR Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - 74ALVCH32501_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
logo
Texas Instruments
SN74ALVCH32501 TI-SN74ALVCH32501 Datasheet
160Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32501 TI1-SN74ALVCH32501_13 Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com