Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5424YRU Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD5424YRU
Szczegółowy opis  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5424YRU Arkusz danych(HTML) 5 Page - Analog Devices

  AD5424YRU Datasheet HTML 1Page - Analog Devices AD5424YRU Datasheet HTML 2Page - Analog Devices AD5424YRU Datasheet HTML 3Page - Analog Devices AD5424YRU Datasheet HTML 4Page - Analog Devices AD5424YRU Datasheet HTML 5Page - Analog Devices AD5424YRU Datasheet HTML 6Page - Analog Devices AD5424YRU Datasheet HTML 7Page - Analog Devices AD5424YRU Datasheet HTML 8Page - Analog Devices AD5424YRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 5 of 32
TIMING CHARACTERISTICS
All input signals are specified with tr = tf = 1 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. VDD = 2.5 V to 5.5 V,
VREF = 10 V, IOUT2 = 0 V; temperature range for Y version: −40°C to +125°C ; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
VDD = 2.5 V to 5.5 V
VDD = 4.5 V to 5.5 V
Unit
Conditions/Comments
t1
0
0
ns min
R/W to CS setup time
t2
0
0
ns min
R/W to CS hold time
t3
10
10
ns min
CS low time (write cycle)
t4
6
6
ns min
Data setup time
t5
0
0
ns min
Data hold time
t6
5
5
ns min
R/W high to CS low
t7
9
7
ns min
CS min high time
t8
20
10
ns typ
Data access time
40
20
ns max
t9
5
5
ns typ
Bus relinquish time
10
10
ns max
1 Guaranteed by design, not subject to production test.
CS
DATA
R/W
t1
t2
t6
t7
t8
t2
t9
t3
t4
t5
DATA VALID
DATA VALID
Figure 2. Timing Diagram


Podobny numer części - AD5424YRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5424YRU AD-AD5424YRU Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5424YRUZ AD-AD5424YRUZ Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5424YRUZ-REEL AD-AD5424YRUZ-REEL Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
AD5424YRUZ-REEL7 AD-AD5424YRUZ-REEL7 Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
More results

Podobny opis - AD5424YRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5424 AD-AD5424_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
AD5424 AD-AD5424 Datasheet
888Kb / 24P
   8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. 0
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com