Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0002-07-2101 Arkusz danych(PDF) 3 Page - Molex Electronics Ltd.

Numer części 0002-07-2101
Szczegółowy opis  Board-In Crimp Terminal, Series 4706, Male, Tin (Sn) Plated Brass Contact, 16-18 AWG, 11.20mm (.440
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX1 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0002-07-2101 Arkusz danych(HTML) 3 Page - Molex Electronics Ltd.

  0002-07-2101 Datasheet HTML 1Page - Molex Electronics Ltd. 0002-07-2101 Datasheet HTML 2Page - Molex Electronics Ltd. 0002-07-2101 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Podobny numer części - 0002-07-2101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0002-06-1132 MOLEX1-0002-06-1132 Datasheet
145Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855, Female, with 0.38關m (15關") Gold (Au) Plated Brass Contact, 24-30 AWG, Bag
0002-06-1132-C MOLEX1-0002-06-1132-C Datasheet
145Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855, Female, with 0.38關m (15關") Gold (Au) Plated Brass Contact, 24-30 AWG, Bag
0002-06-2132 MOLEX1-0002-06-2132 Datasheet
141Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
0002-06-2132-C MOLEX1-0002-06-2132-C Datasheet
141Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
0002-06-5100 MOLEX1-0002-06-5100 Datasheet
144Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, 18-24 AWG, Reel
More results

Podobny opis - 0002-07-2101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0002081102 MOLEX1-0002081102 Datasheet
172Kb / 3P
   Claspcon??Crimp Terminal Socket, Tin (Sn) Plated Brass Contact, 16-24 AWG, Bag
0002081101 MOLEX1-0002081101 Datasheet
173Kb / 3P
   Claspcon??Crimp Terminal Socket, Tin (Sn) Plated Brass Contact, 16-24 AWG, Reel
1727651122 MOLEX1-1727651122 Datasheet
40Kb / 1P
   Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 16 AWG
1727654121 MOLEX1-1727654121 Datasheet
40Kb / 2P
   Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
1727653121 MOLEX1-1727653121 Datasheet
40Kb / 2P
   Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
1727653122 MOLEX1-1727653122 Datasheet
40Kb / 1P
   Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
1727654122 MOLEX1-1727654122 Datasheet
40Kb / 1P
   Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
1730410001 MOLEX1-1730410001 Datasheet
44Kb / 1P
   ValuSeal Crimp Terminal, Male, 16-18 AWG, Tin (Sn)
0039000124 MOLEX3-0039000124 Datasheet
113Kb / 3P
   4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Male, with Tin (Sn) Plated Brass Contact, 16 AWG, Reel
0039000125 MOLEX3-0039000125 Datasheet
111Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Male, with Tin (Sn) Plated Brass Contact, 16 AWG, Bag
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com