Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1036K Arkusz danych(PDF) 2 Page - Rohm

Numer części 2SA1036K
Szczegółowy opis  Medium Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SA1036K Arkusz danych(HTML) 2 Page - Rohm

  2SA1036K Datasheet HTML 1Page - Rohm 2SA1036K Datasheet HTML 2Page - Rohm 2SA1036K Datasheet HTML 3Page - Rohm 2SA1036K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1036K
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
Parameter
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector outoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−40
−32
−5
82
200
−1
−1
390
−0.6
V
IC=
−100µA
IC=
−1mA
IE=
−100µA
VCB=
−20V
VEB=
−4V
VCE=
−3V, IC= −100mA
IC/IB=
−300mA/−30mA
VCE=
−5V, IE=20mA, f=100MHz
VCB=
−10V, IE=0A, f=1MHz
V
V
V
MHz
7
pF
Typ.
Max.
Unit
Conditions
µA
µA
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
hFE
T146
3000
PQR
2SA1036K
Type
hFE values are classifies as follows.
Item
P
Q
R
hFE
82 to 180
120 to 270
180 to 390
Electrical characteristic curves
-0.2
0
-500
-200
-100
-50
-20
-10
-5
-2
-1
-0.5
-0.2
-0.1
-0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -2.2
VCE=-3V
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.1 Grounded emitter propogation
Ta=100 C
25 C
-55 C
-1
-40
-80
-3
0
-20
-60
-100
0-2
-4
-5
-200
-400
-10
-5
0
-100
-300
-500
0
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Ta=25 C
Fig.3 Ground emitter output
characteristics (
ΙΙ )
IB=0A
-0.5mA
-1.0mA
-1.5mA
-2.0mA
-2.5mA
-3.0mA
-3.5mA
-4.0mA
-4.5mA
-5.0mA
Ta=25 C
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.2 Grounded emitter output
characteristics (
Ι )
IB=0A
-0.1mA
-0.2mA
-0.3mA
-0.4mA
-0.5mA
-0.6mA
-0.7mA
-0.8mA
-0.9mA
-1mA


Podobny numer części - 2SA1036K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
logo
Rohm
2SA1036K ROHM-2SA1036K Datasheet
168Kb / 3P
   Medium Power Transistor
2SA1036K ROHM-2SA1036K Datasheet
1Mb / 8P
   Medium Power Transistor (-32V,-500mA)
More results

Podobny opis - 2SA1036K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
   Medium Power Transistor
2SD2143 ROHM-2SD2143_12 Datasheet
163Kb / 3P
   Medium Power Transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
   Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
   Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
   Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
   Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
   medium power transistor
logo
Galaxy Semi-Conductor H...
2SD1767 BILIN-2SD1767 Datasheet
175Kb / 4P
   Medium power transistor
2SB1189 BILIN-2SB1189 Datasheet
179Kb / 4P
   Medium power transistor
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
   Medium Power Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com