Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1036K Arkusz danych(PDF) 3 Page - Rohm

Numer części 2SA1036K
Szczegółowy opis  Medium Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SA1036K Arkusz danych(HTML) 3 Page - Rohm

  2SA1036K Datasheet HTML 1Page - Rohm 2SA1036K Datasheet HTML 2Page - Rohm 2SA1036K Datasheet HTML 3Page - Rohm 2SA1036K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1036K
Transistors
Rev.A
3/3
500
1000
200
100
50
20
-1
-2
-5 -10 -20
-50 -100 -200 -500 -1000
VCE=-5V
-3V
-1V
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs.
collector current (
Ι )
Ta=25 C
500
1000
200
100
50
20
-1
-2
-5 -10 -20
-50 -100 -200 -500 -1000
COLLECTOR CURRENT : IC (mA)
Fig.5 DC current gain vs.
collector current (
ΙΙ )
VCE=-3V
Ta
=100 C
25 C
-55 C
-0.1
-1
-2
-5
-10 -20
-50 -100 -200 -500
-1
-0.5
-0.2
-0.05
-0.02
COLLECTOR CURRENT : IC (mA)
IC/IB=50
20
10
Fig.6 Collector emitter saturation
voltage vs. collector current (
Ι)
Ta
=25 C
-0.05
-0.03
-0.02
-0.01
-1
-2
-5
-10 -20
-50 -100 -200
-500 -1000
-0.5
-0.3
-0.2
-0.1
-1.0
lC/lB=10
COLLECTOR CURRENT : IC (mA)
Fig.7 Collector-emitter saturation
voltage vs. collector current (
ΙΙ)
Ta
=100 C
25 C
-55 C
50
0.5
20
50
100
200
500
1000
12
5
10
EMITTER CURRENT : IE (mA)
Fig.8 Gain bandwidth product vs.
emitter current
Ta
=25 C
VCE=-5V
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE : VEB (V)
Fig.9 Collectur output capacitance vs.
collector-base voltage. Emitter input
capacitance vs. emitter -base voltage
-50
-0.5
-20
2
5
10
50
100
-1
-2
-5
-10
20
Ta
=25 C
f
=1MHz
IE=0A
IC=0A


Podobny numer części - 2SA1036K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
logo
Rohm
2SA1036K ROHM-2SA1036K Datasheet
168Kb / 3P
   Medium Power Transistor
2SA1036K ROHM-2SA1036K Datasheet
1Mb / 8P
   Medium Power Transistor (-32V,-500mA)
More results

Podobny opis - 2SA1036K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
   Medium Power Transistor
2SD2143 ROHM-2SD2143_12 Datasheet
163Kb / 3P
   Medium Power Transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
   Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
   Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
   Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
   Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
   medium power transistor
logo
Galaxy Semi-Conductor H...
2SD1767 BILIN-2SD1767 Datasheet
175Kb / 4P
   Medium power transistor
2SB1189 BILIN-2SB1189 Datasheet
179Kb / 4P
   Medium power transistor
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
   Medium Power Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com