Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1036K3000P Arkusz danych(PDF) 1 Page - Rohm

Numer części 2SA1036K3000P
Szczegółowy opis  Medium Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SA1036K3000P Arkusz danych(HTML) 1 Page - Rohm

  2SA1036K3000P Datasheet HTML 1Page - Rohm 2SA1036K3000P Datasheet HTML 2Page - Rohm 2SA1036K3000P Datasheet HTML 3Page - Rohm 2SA1036K3000P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1036K
Transistors
Rev.A
1/3
Medium Power Transistor
2SA1036K
Features
1) Large IC.
ICMAX. = -500mA
2) Low VCE(sat). Ideal for low-voltage
operation.
3) Complements the 2SC2411K.
Structure
Epitaxial planer type
PNP silicon transistor
External dimensions (Unit : mm)
Denotes hFE
±
±
±
±
2SA1036K
(1) Emitter
(2) Base
(3) Collector
ROHM : SMT3
EIAJ : SC-59
Abbreviated symbol : H
0~0.1
1.1
0.8 0.1
0.15
0.4
2.9 0.2
1.9 0.2
0.95 0.95
-0.1
+0.2
+0.1
+0.1
-0.05
-0.06
(2)
(1)
(3)
All terminals have
same dimensions
Absolute maximum ratings (Ta=25
°C)
Parameter
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
−40
V
V
V
A
W
−32
−5
−0.5
0.2
150
−55 to +150
Symbol
Limits
Unit
PC MAX. must not be exceeded.
°C
°C


Podobny numer części - 2SA1036K3000P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
logo
Rohm
2SA1036K ROHM-2SA1036K Datasheet
168Kb / 3P
   Medium Power Transistor
2SA1036K ROHM-2SA1036K Datasheet
1Mb / 8P
   Medium Power Transistor (-32V,-500mA)
More results

Podobny opis - 2SA1036K3000P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
   Medium Power Transistor
2SD2143 ROHM-2SD2143_12 Datasheet
163Kb / 3P
   Medium Power Transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
   Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
   Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
   Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
   Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
   medium power transistor
logo
Galaxy Semi-Conductor H...
2SD1767 BILIN-2SD1767 Datasheet
175Kb / 4P
   Medium power transistor
2SB1189 BILIN-2SB1189 Datasheet
179Kb / 4P
   Medium power transistor
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
   Medium Power Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com