Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA10339F Arkusz danych(PDF) 2 Page - Rohm

Numer części BA10339F
Szczegółowy opis  Quad comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA10339F Arkusz danych(HTML) 2 Page - Rohm

  BA10339F Datasheet HTML 1Page - Rohm BA10339F Datasheet HTML 2Page - Rohm BA10339F Datasheet HTML 3Page - Rohm BA10339F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20
0
20
10
30
40
POWER SUPPLY VOLTAGE: V
(V)
40
Ta = 25
°C
0
60
80
Fig. 3 Input bias current vs. power
supply voltage
2
Standard ICs
BA10339 / BA10339F / BA10339FV
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
BA10339
BA10339F
BA10339FV
VCC
36 (
± 18)
36 (
± 18)
36 (
± 18)
V
950
450
400
mW
VID
± VCC
V
VI
– 0.3 ~ VCC
V
– 40 ~ + 85
– 40 ~ + 85
– 40 ~ + 85
°C
–55 ~ + 125
– 55 ~ + 125
– 55 ~ + 125
°C
Pd
Topr
Tstg
± VCC
– 0.3 ~ VCC
± VCC
– 0.3 ~ VCC
Power supply voltage
Power dissipation
Differential input voltage
Common-mode input voltage
Operating temperature
Storage temperature
Refer to the Pd characteristic diagram.
The Values for BA10339F and BA10339FV are those when it is mounted on a glass epoxy board (50mm × 50mm × 1.6mm).
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = + 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VIO
—2
5
mV
VO = 1.4V
IIO
5
50
nA
IB
25
250
nA
VO = 1.4V
VICM
0—
VCC – 1.5
V
AV
106
dB
RL = 15k
IQ
0.8
2
mA
Isink
616
mA
VOL
250
400
mV
Ileak
0.1
nA
tr
1.3
µs
| IIN + – IIN – | , VO = 1.4V
RL =
∞, on All Comparators
RL = 5.1k
Ω, VRL = 5V
VIN– = 1V, VIN+ = 0V, VO = 1.5V
VIN– = 1V, VIN+ = 0V, Isink = 3mA
VIN+ = 1V, VIN– = 0V, VO = 5V
Input offset voltage
Input offset current
Input bias current
Common-mode input voltage
Voltage gain
Quiescent current
Output sink current
Output saturation voltage
Output leakage current
Response time
Electrical characteristic curves
AMBIENT TEMPERATURE: Ta (
°C)
Fig. 1 Power dissipation vs. ambient
temperature
1200
1000
800
600
400
200
0
0
255075 85 100
125
150
BA10339FV
BA10339F
BA10339
0
20
10
30
40
POWER SUPPLY VOLTAGE: V
+ (V)
1.2
Ta = 25
°C
RL =
0.6
0.8
1.0
Fig. 2 Quiescent current vs. power
supply voltage


Podobny numer części - BA10339F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
BA10339F ROHM-BA10339F Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339F ROHM-BA10339F Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10339F ROHM-BA10339F Datasheet
551Kb / 25P
   Ground Sense Comparators
BA10339F ROHM-BA10339F Datasheet
533Kb / 25P
   Ground Sense Comparators
More results

Podobny opis - BA10339F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
   QUAD COMPARATOR
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
   QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
   QUAD COMPARATOR
logo
Fairchild Semiconductor
KA239 FAIRCHILD-KA239 Datasheet
86Kb / 8P
   Quad Comparator
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
   QUAD COMPARATOR
logo
Ceramate Technical
CO339 CERAMATE-CO339 Datasheet
91Kb / 4P
   Quad Comparator
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339_12 Datasheet
124Kb / 8P
   Quad Comparator
KA339DTF FAIRCHILD-KA339DTF Datasheet
124Kb / 8P
   Quad Comparator
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com