Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0005060117 Arkusz danych(PDF) 3 Page - Molex Electronics Ltd.

Numer części 0005060117
Szczegółowy opis  Flat Blade Crimp Terminal, Series 1508, Female, With Tin (Sn) Plated Brass Contact, 14-18 AWG (or 18 AWG Double Crimp), Reel Packaged
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX1 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0005060117 Arkusz danych(HTML) 3 Page - Molex Electronics Ltd.

  0005060117 Datasheet HTML 1Page - Molex Electronics Ltd. 0005060117 Datasheet HTML 2Page - Molex Electronics Ltd. 0005060117 Datasheet HTML 3Page - Molex Electronics Ltd. 0005060117 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Podobny numer części - 0005060117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0005060301 MOLEX1-0005060301 Datasheet
103Kb / 2P
   Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
More results

Podobny opis - 0005060117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0005060301 MOLEX1-0005060301 Datasheet
103Kb / 2P
   Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
0040021602 MOLEX3-0040021602 Datasheet
154Kb / 4P
   Flat Blade Crimp Terminal, Series 41422, Female, With Tin (Sn) Plated Brass Contact, 14-18 AWG, Reel Packaged
0040021601 MOLEX3-0040021601 Datasheet
155Kb / 5P
   Flat Blade Crimp Terminal, Series 41422, Female, With Tin (Sn) Plated Brass Contact, 10-12 AWG, Reel Packaged
0431784002 MOLEX5-0431784002 Datasheet
130Kb / 2P
   Sabre??Crimp Terminal, Male, with Tin (Sn) Plated Brass Contacts, 18 AWG or 20 AWG, Reel Packaged
0433740001 MOLEX5-0433740001 Datasheet
131Kb / 3P
   Sabre??Crimp Terminal, Female, With Tin (Sn) Plated Brass Contact, 14-16 AWG, Reel Packaged, with TPA
0433752001 MOLEX5-0433752001 Datasheet
137Kb / 3P
   Sabre??Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 18-20 AWG, 2.85mm (.112") Max. Insulation Diameter, Reel Packaged
0433743001 MOLEX5-0433743001 Datasheet
148Kb / 3P
   Sabre??Crimp Terminal, Female, With Tin (Sn) Plated Brass Contact, 18-20 AWG, Reel Packaged, without TPA, UL1015 or UL1056 Wire
0433742001 MOLEX5-0433742001 Datasheet
149Kb / 3P
   Sabre??Crimp Terminal, Female, With Tin (Sn) Plated Brass Contact, 18-20 AWG, Reel Packaged, without TPA, UL1007 or UL1015 Wire
0433753001 MOLEX5-0433753001 Datasheet
137Kb / 3P
   Sabre??Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 18-20 AWG, 4.57mm (.180") Max. Insulation Diameter, Reel Packaged
0350699002 MOLEX4-0350699002 Datasheet
51Kb / 2P
   Crimp Terminal 35069, Female, 18 AWG, Brass, Tin (Sn) Plating, Reel
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com