Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA3430S Arkusz danych(PDF) 8 Page - Rohm

Numer części BA3430S
Szczegółowy opis  Stereo pre-amplifiers with mute detection circuits for car stereos
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA3430S Arkusz danych(HTML) 8 Page - Rohm

Back Button BA3430S Datasheet HTML 4Page - Rohm BA3430S Datasheet HTML 5Page - Rohm BA3430S Datasheet HTML 6Page - Rohm BA3430S Datasheet HTML 7Page - Rohm BA3430S Datasheet HTML 8Page - Rohm BA3430S Datasheet HTML 9Page - Rohm BA3430S Datasheet HTML 10Page - Rohm BA3430S Datasheet HTML 11Page - Rohm BA3430S Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
30k
) R1 ) R2
G = 20
log
R1
) R2
(dB)
1
fL =
2
π C
(R1
) R2)
(Hz)
5.4
C
τ 1 =
I
(S)
1/2
VCC
)2.0
τ 2 = C R In
2.0
(S)
276
Audio ICs
BA3430S / BA3430F / BA3430FS
(3) Sensitivity switch amplifier
Equivalent circuit schematic
R2 is a resistor inside the IC which is 100
Ω during play-
back and 360
Ω during fast forward.
The gain of the amplifier is
The low cutoff frequency fL of the amplifier is
(4) Comparator circuit
This circuit detects the presence or not of the signal and
outputs a detection signal.
The circuit consists of two comparators. The first
comparator detects the level of the signal and the second
comparator detects the duration of the signal.
When a signal above VCC /30 (VO-P) is input, the first
comparator turns on and draws a constant current I from
the time constant pin. This causes the voltage of the time
constant pin to fall, and when it drops below VCC - 2.7(V)
the next comparator turns on, changing the mute detec-
tion output pin to low.
If the signal level drops below VCC / 30 (VO-P), the first
comparator turns off and the voltage of the time constant
pin rises due to the external discharge resistor. When this
voltage rises above VCC - 2.0(V), the next comparator
turns off, changing the mute detection output pin to high.
The time ι1 from the arrival of the signal to the changeover
of the mute detection output pin to low is given as follows:
This equation holds when the input signal is sufficiently
large.
See Fig. 20 for the small signal time
τ1.
The time
τ2 from the ceasing of the signal to the change-
over of the mute detection output pin to high is as follows:
I: Output current of first comparator = approx. 1mA
C: External capacitor connected to time constant pin
R: External resistor connected to time constant pin (this
should be 22k
Ω or higher)
Equivalent circuit schematic


Podobny numer części - BA3430S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3430FS ROHM-BA3430FS Datasheet
331Kb / 6P
   Stereo pre-amplifire with mute detection circuits for car audio systems
More results

Podobny opis - BA3430S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3430FS ROHM-BA3430FS Datasheet
331Kb / 6P
   Stereo pre-amplifire with mute detection circuits for car audio systems
logo
Panasonic Semiconductor
AN7311 PANASONIC-AN7311 Datasheet
105Kb / 3P
   Dual Pre-Amplifier for Car Stereo
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
BA4900 ROHM-BA4900 Datasheet
169Kb / 10P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
logo
Toshiba Semiconductor
TA2042F TOSHIBA-TA2042F Datasheet
527Kb / 15P
   DUAL PRE AMPLIFIER WITH A MUSIC SEARCH FOR AUTO REVERSE CAR STEREO
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
   Stereo Headphone Driver with Mute
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
   Pre / power amplifier for 1.5V headphone stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com