Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2092 Arkusz danych(PDF) 5 Page - Rohm

Numer części BU2092
Szczegółowy opis  12-bit, serial IN, parallel OUT driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2092 Arkusz danych(HTML) 5 Page - Rohm

  BU2092 Datasheet HTML 1Page - Rohm BU2092 Datasheet HTML 2Page - Rohm BU2092 Datasheet HTML 3Page - Rohm BU2092 Datasheet HTML 4Page - Rohm BU2092 Datasheet HTML 5Page - Rohm BU2092 Datasheet HTML 6Page - Rohm BU2092 Datasheet HTML 7Page - Rohm BU2092 Datasheet HTML 8Page - Rohm BU2092 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Standard ICs
BU2090 / BU2090F / BU2090FS /
BU2092 / BU2092F / BU2092FV
Electrical characteristics (Ta = 25°C)
DC characteristics (unless otherwise noted, Ta = 25°C, VSS = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH
3.5
——
V
5
2.5
——
3
VIL
——
1.5
V
5
——
0.4
3
VOL
——
2.0
V
5IOL = 20mA
——
1.0
3
5
5
IOL = 5mA
IOZH
——
10.0
µAVO = 25.0V
IOZL
——
– 5.0
µAVO = 0V
IDD
——
5.0
µA
5VIN = VSS or VDD
——
3.0
3
OUTPUT: OPEN
Input high level voltage
Input low level voltage
Output low level voltage
"H" output disable current
"L" output disable current
Current dissipation
BU2090 / F / FS switching characteristics (unless otherwise noted, Ta = 25°C, VSS = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VDD
Conditions
Minimum clock pulse width
Data shift setup time
Data shift hold time
Data latch setup time
Data latch hold time
Data latch "L" setup time
Data latch "L" hold time
tW
500
——
ns
5
3
1000
——
tSU
200
——
ns
5
3
300
——
tH
200
——
ns
5
3
400
——
tLSUH
50
——
ns
5
3
100
——
tLHH
250
——
ns
5
3
500
——
tLSUL
200
——
ns
5
3
400
——
tLHL
250
——
ns
5
3
500
——
Not designed for radiation resistance.
BU2090 / F / FS switching characteristics measurement conditions
90%
10%
90%
10%
10%
10%
10%
10%
90%
90%
90%
90%
90%
VDD
VDD
CLOCK
DATA
tH
tSU
tLSUL
tLHL
tLHH
tLSUH
tW
tW
GND (VSS)
GND (VSS)
Fig.1


Podobny numer części - BU2092

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2092F ROHM-BU2092F Datasheet
258Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2092F ROHM-BU2092F Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092F ROHM-BU2092F Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092F ROHM-BU2092F Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092F ROHM-BU2092F Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
More results

Podobny opis - BU2092

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2098F ROHM-BU2098F Datasheet
212Kb / 6P
   8bit Serial IN / Parallel Out Driver
BA829 ROHM-BA829_1 Datasheet
165Kb / 6P
   8bits Serial-In Parallel-Out Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com