Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2624 Arkusz danych(PDF) 7 Page - Rohm

Numer części BU2624
Szczegółowy opis  PLL frequency synthesizer for tuners
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2624 Arkusz danych(HTML) 7 Page - Rohm

  BU2624 Datasheet HTML 1Page - Rohm BU2624 Datasheet HTML 2Page - Rohm BU2624 Datasheet HTML 3Page - Rohm BU2624 Datasheet HTML 4Page - Rohm BU2624 Datasheet HTML 5Page - Rohm BU2624 Datasheet HTML 6Page - Rohm BU2624 Datasheet HTML 7Page - Rohm BU2624 Datasheet HTML 8Page - Rohm BU2624 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
167
Audio ICs
BU2624AF
Frequency counter
(1)
Structure
(2)
How the frequency counter operates
When control data CT equals 1, the 20-bit counter and the
amp go into operation. When CT equals 0, amp input goes
to pulldown and the counter is reset.
Measuring time (gate pulse) is selected (8 ms / 16 ms) on
the basis of control data GT.
When control data CT equals 0, the counter is reset.
(3)
Explanation of output data
D0: LSB
D19: MSB
Unlock detection
When control data GT equals 1, or CT equals 1, the un-
lock detection circuit goes into operation for 8ms.
When CT equals 1, the unlock detection circuits stops
operating before the frequency counter gate pulse is
emitted.
When CT equals 0, or GT equals 0, the unlock detection
circuit is reset.


Podobny numer części - BU2624

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2611AF ROHM-BU2611AF Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2611AFS ROHM-BU2611AFS Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2614 ROHM-BU2614 Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
BU2614FS ROHM-BU2614FS Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
More results

Podobny opis - BU2624

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
BU2615S ROHM-BU2615S Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
   PLL frequency synthesizer for tuners
BU2614 ROHM-BU2614 Datasheet
132Kb / 9P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
logo
Toshiba Semiconductor
TB31245FN TOSHIBA-TB31245FN Datasheet
267Kb / 8P
   PLL FREQUENCY SYNTHESIZER FOR PHS
logo
Sanyo Semicon Device
LC7020AK SANYO-LC7020AK Datasheet
484Kb / 22P
   Controller for PLL Frequency Synthesizer
logo
Samsung semiconductor
S5T8809 SAMSUNG-S5T8809 Datasheet
123Kb / 14P
   PLL FREQUENCY SYNTHESIZER FOR PAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com