Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA-501VD Arkusz danych(PDF) 1 Page - Rohm

Numer części LA-501VD
Szczegółowy opis  High efficiency, single-digit numeric displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

LA-501VD Arkusz danych(HTML) 1 Page - Rohm

  LA-501VD Datasheet HTML 1Page - Rohm LA-501VD Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LA-501DN Series
LED displays
High efficiency, single-digit numeric
displays
LA-501DN Series
The LA-501DN series were designed to meet
the need for 13mm single-digit numeric
displays. These LED numeric displays use
GaAsP on GaP for the emitting material (with
the exception of green) and are housed in an
epoxy resin package. They are single-digit
displays with a character height of 13.0mm.
!
!
!
!Features
1) Height of character: 13.0mm
2) Common anode and common cathode
configurations are available for each color.
3) High-efficiency reflectors are used to
achieve a bright, clear display.
4) The package surface is painted black and
the segments are colored the display color.
!
!
!
!External dimensions
(Units : mm)
(10.16)
(2.54)
0.5
12.5
10
°
φ1.25
7.4
1.25
Tolerances are
±0.2 unless otherwise noted:
!
!
!
!Selection guide
Emitting color
Common
Anode
Cathode
∗ Order-based production.
Red
LA-501VD
LA-501VN
Orange
LA-501DD∗
LA-501DN∗
Green
LA-501MD
LA-501MN
!
!
!
!Pin assignments
Pin No.
+ + + + +
+ + + + +
a
g
d
fb
e
c
D.P
10 9
7
86
12345
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Segment "e"
Segment "d"
Common
Segment "c"
D.P
Segment "b"
Segment "a"
Common
Segment "f"
Segment "g"


Podobny numer części - LA-501VD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LA-501VD ROHM-LA-501VD Datasheet
68Kb / 3P
   High efficiency, single-digit numeric displays
LA-501VD ROHM-LA-501VD Datasheet
941Kb / 4P
   High efficiency, single-digit numeric displays
LA-501VD ROHM-LA-501VD Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
More results

Podobny opis - LA-501VD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
LA-101AK ROHM-LA-101AK_17 Datasheet
359Kb / 5P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK_08 Datasheet
85Kb / 4P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK_1 Datasheet
67Kb / 3P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN_1 Datasheet
68Kb / 3P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN_11 Datasheet
941Kb / 4P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK Datasheet
57Kb / 2P
   High efficiency, single-digit numeric displays
LA-601BL ROHM-LA-601BL Datasheet
58Kb / 2P
   High efficiency, single-digit numeric displays
LA-801FP ROHM-LA-801FP Datasheet
56Kb / 2P
   High efficiency, single-digit numeric displays
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com