Zakładka z wyszukiwarką danych komponentów |
|
SD-35155-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-35155-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 04/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0351551110 Status: Active Description: 2.50mm (.098") Pitch Wire-to-Board Housing, Positive Lock, Natural, 11 Circuits Documents: 3D Model Product Specification PS-35155-003 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 TUV R72081037 UL E29179 General Product Family Crimp Housings Series 35155 Product Name N/A Physical Breakaway No Circuits (maximum) 11 Color - Resin Natural Flammability 94V-0 Gender Female Glow-Wire Compliant No Keying to Mating Part None Lock to Mating Part Yes Material - Resin Polyester Number of Rows 1 Packaging Type Bag Panel Mount No Pitch - Mating Interface (in) 0.098 In Pitch - Mating Interface (mm) 2.50 mm Polarized to Mating Part Yes Temperature Range - Operating -40°C to +105°C Material Info Reference - Drawing Numbers Product Specification PS-35155-003 Sales Drawing SD-35155-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 35155Series Mates With 35312 Vertical Shrouded Header, 35184 Wire-to-Wire Plug Housing Use With 5103 SPOX™ Crimp Terminal This document was generated on 04/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Podobny numer części - SD-35155-001 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |