Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-19204-002 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-19204-002
Szczegółowy opis  InsulKrimp??4 Way Splice for 10-12 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19204-002 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-19204-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19204-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19204-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192040025
Status:
Active
Description:
InsulKrimp™ 4 Way Splice for 10-12 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
General
Product Family
Splices
Series
19204
Comments
4 Way Connector
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
4 Way, InsulKrimp™
Physical
Barrel Type
Closed
Color - Resin
Natural
Insulation
PVC
Material - Metal
Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
PVC
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Temperature Range - Operating
-40°C to +105°C
Wire Insulation Diameter
6.35mm (.250") max
Wire Size AWG
10, 12
Wire Size mm²
3.30 - 5.00
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
C-2XCX
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19204-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19204Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640010300
Hand Crimp Tool
0640011500
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050300
This document was generated on 03/05/2010


Podobny numer części - SD-19204-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-19204-002 MOLEX4-SD-19204-002 Datasheet
80Kb / 2P
   InsulKrimp??4 Way Splice for 18-22 AWG Wire
SD-19204-002 MOLEX4-SD-19204-002 Datasheet
80Kb / 2P
   Avikrimp??4 Way Splice for 14-16 AWG Wire
SD-19204-002 MOLEX4-SD-19204-002 Datasheet
80Kb / 2P
   Avikrimp??4 Way Splice for 10-12 AWG Wire
More results

Podobny opis - SD-19204-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0192040026 MOLEX4-0192040026 Datasheet
82Kb / 3P
   InsulKrimp??3 Way Splice for 10-12 AWG Wire
0192040029 MOLEX4-0192040029 Datasheet
80Kb / 2P
   Avikrimp??4 Way Splice for 10-12 AWG Wire
0191540028 MOLEX4-0191540028 Datasheet
90Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0192060008 MOLEX4-0192060008 Datasheet
76Kb / 2P
   InsulKrimp??Parallel Splice for 10-12 AWG Wire
0192040003 MOLEX4-0192040003 Datasheet
80Kb / 2P
   InsulKrimp??4 Way Splice for 18-22 AWG Wire
0192040030 MOLEX4-0192040030 Datasheet
81Kb / 2P
   Avikrimp??3 Way Splice for 10-12 AWG Wire
0192040004 MOLEX4-0192040004 Datasheet
81Kb / 2P
   InsulKrimp??3 Way Splice for 18-22 AWG Wire
0191540048 MOLEX4-0191540048 Datasheet
81Kb / 2P
   InsulKrimp??Butt Splice for 4 AWG Wire
0192040014 MOLEX4-0192040014 Datasheet
82Kb / 3P
   InsulKrimp??3 Way Splice for 14-16 AWG Wire
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com