Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-34576-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-34576-001
Szczegółowy opis  2.54mm (.100") Pitch, MX123??Female Receptacle Housing
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-34576-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-34576-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-34576-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-34576-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-34576-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-34576-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-34576-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-34576-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-34576-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-34576-001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0345760803
Status:
Active
Overview:
mx123_sealed_connection_systems
Description:
2.54mm (.100") Pitch, MX123™ Female Receptacle Housing, Keying Option H, Wire
Dress Option 0, 56 Circuits, Gray TPA
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34566-0000 (PDF)
General
Product Family
Crimp Housings
Series
34576
Comments
See Sales Drawing for number of Open Circuits
Overview
mx123_sealed_connection_systems
Product Name
MX123
Physical
Circuits (maximum)
56
Circuits Detail
56
Color - Resin
Gray
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
4
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
11A, 25A
Material Info
Reference - Drawing Numbers
Application Specification
AS-34566-001
Product Specification
PS-34566-0000
Sales Drawing
SD-34576-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34576Series
Mates With
MX123™ Female Header 31386 , 31387
Use With
MX64 Female Terminals 33467
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-34576-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-34576-001 MOLEX5-SD-34576-001 Datasheet
853Kb / 8P
   SEALED CONNECTOR SYSTEM MX123 QUAD ROW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com