Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-19270-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-19270-001
Szczegółowy opis  Perma-Fit??Heavy Wall Battery Cable Tubing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19270-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-19270-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19270-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192700038
Status:
Active
Overview:
permafit
Description:
Perma-Fit™ Heavy Wall Battery Cable Tubing, 38.10mm (1.500") Inside Diameter (As
Supplied), Black, 1.22m (4.0' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Heat Shrink Tubing
Series
19270
Comments
40 per bag
Overview
permafit
Product Name
Perma-Fit™
Physical
Packaging Type
Bag
Temperature Range - Operating
-55°C to +110°C
Material Info
Old Part Number
PFB-15-1BK
Reference - Drawing Numbers
Sales Drawing
SD-19270-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19270Series
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-19270-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-19200-001 MOLEX4-SD-19200-001 Datasheet
118Kb / 2P
   Avikrimp??Seamless Butt Splice for 10-12 AWG Wire
SD-19200-001 MOLEX4-SD-19200-001 Datasheet
118Kb / 2P
   Avikrimp??Seamless Butt Splice for 18-22 AWG Wire
SD-19202-001 MOLEX4-SD-19202-001 Datasheet
104Kb / 3P
   Funnel Entry Butt Splice for 10-12 AWG Wire
SD-19202-001 MOLEX4-SD-19202-001 Datasheet
109Kb / 2P
   FUNNEL ENTRY BUTT SPLC TAPE CS-952-DKT
SD-19203-016 MOLEX4-SD-19203-016 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
More results

Podobny opis - SD-19270-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0192700008 MOLEX4-0192700008 Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing, 10.16mm (.400
0192700023 MOLEX4-0192700023 Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing, 19.05mm (.750") Inside DiameterAsSuppliedRed1.22m (4.0
0192700018 MOLEX4-0192700018 Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing, 19.05mm (.750") Inside Diameter (AsSupplied), Black, 1.22m
0192700048 MOLEX4-0192700048 Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing50.80mm (2.000) Inside Diameter (AsSupplied)Black1.22m4.0Length
0192670108 MOLEX4-0192670108 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670130 MOLEX4-0192670130 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670183 MOLEX4-0192670183 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670129 MOLEX4-0192670129 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670153 MOLEX4-0192670153 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 4.75mm (.187
0192670251 MOLEX4-0192670251 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 12.70mm (.500
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com