Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-19033-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-19033-001
Szczegółowy opis  Krimptite??Snap Plug, for 18-22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19033-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-19033-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19033-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190330003
Status:
Active
Description:
Krimptite™ Snap Plug, for 18-22 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Quick Disconnects
Series
19033
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
Krimptite™
Type
Snap Plug
Physical
Barrel Type
Closed
Gender
Male
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Tab Thickness
N/A
Tab Width
N/A
Termination Interface: Style
Screw or Lug
Wire Insulation Diameter
N/A
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
N/A
Material Info
Old Part Number
A-169
Reference - Drawing Numbers
Sales Drawing
SD-19033-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19033Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640030100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640070100
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-19033-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-19035-001 MOLEX4-SD-19035-001 Datasheet
98Kb / 2P
   Avikrimp??Snap Plug, for 14-16 AWG Wire
SD-19036-001 MOLEX4-SD-19036-001 Datasheet
127Kb / 3P
   Avikrimp??Snap Plug, for 14-16 AWG Wire
SD-19036-001 MOLEX4-SD-19036-001 Datasheet
126Kb / 2P
   Avikrimp??Snap Plug
SD-19037-002 MOLEX4-SD-19037-002 Datasheet
90Kb / 2P
   Krimptite??Snap Plug Receptacle
SD-19038-001 MOLEX4-SD-19038-001 Datasheet
93Kb / 2P
   InsulKrimp??Snap Plug Receptacle for 14-16 AWG Wire
More results

Podobny opis - SD-19033-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0190330001 MOLEX4-0190330001 Datasheet
80Kb / 2P
   Krimptite??Snap Plug, for 18-22 AWG Wire
0190370002 MOLEX4-0190370002 Datasheet
90Kb / 2P
   Krimptite??Snap Plug Receptacle, for 18-22 AWG Wire, Box, 16.26mm (.640") Length
0192110003 MOLEX4-0192110003 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 22-18 AWG Wire
0191890004 MOLEX4-0191890004 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 18-22 AWG Wire
0190690049 MOLEX4-0190690049 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690044 MOLEX4-0190690044 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0191290045 MOLEX4-0191290045 Datasheet
67Kb / 2P
   Krimptite??Block Spade Terminal for 18-22 AWG Wire
0190690055 MOLEX4-0190690055 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690035 MOLEX4-0190690035 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690046 MOLEX4-0190690046 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com