Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-19019-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-19019-001
Szczegółowy opis  Avikrimp??Quick Disconnect
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19019-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-19019-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19019-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19019-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190190038
Status:
Active
Description:
Avikrimp™ Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Mylar Tape, Tab
6.35mm (.250") x 0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19019
Crimp Quality Equipment
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
5.70mm (.225") max.
Wire Size AWG
10, 12
Wire Size mm²
3.30 - 5.00
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
C-8143T
Reference - Drawing Numbers
Sales Drawing
SD-19019-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19019Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880195
Mini-Mac™
Applicator
0638853200
Hand Crimp Tool
0640017300


Podobny numer części - SD-19019-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-19019-001 MOLEX4-SD-19019-001 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire
SD-19019-001 MOLEX4-SD-19019-001 Datasheet
271Kb / 3P
   Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire
SD-19019-001 MOLEX4-SD-19019-001 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect
SD-19019-001 MOLEX4-SD-19019-001 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect
SD-19019-001 MOLEX4-SD-19019-001 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect
More results

Podobny opis - SD-19019-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0190190026 MOLEX4-0190190026 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect
0190190006 MOLEX4-0190190006 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect
0190190009 MOLEX4-0190190009 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect
0190190051 MOLEX4-0190190051 Datasheet
238Kb / 3P
   Avikrimp??Quick Disconnect
0190190048 MOLEX4-0190190048 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect
0190060016 MOLEX4-0190060016 Datasheet
76Kb / 2P
   Flag Avikrimp??Quick Disconnect
0190060020 MOLEX4-0190060020 Datasheet
95Kb / 2P
   Flag Avikrimp??Quick Disconnect
0190060003 MOLEX4-0190060003 Datasheet
95Kb / 2P
   Flag Avikrimp??Quick Disconnect
0196001300 MOLEX4-0196001300 Datasheet
129Kb / 2P
   Avikrimp??Fully Insulated Female Quick Disconnect
0196001307 MOLEX4-0196001307 Datasheet
130Kb / 3P
   Avikrimp??Fully Insulated Female Quick Disconnect
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com