Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F-666-38X Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części F-666-38X
Szczegółowy opis  InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX4 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

F-666-38X Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  F-666-38X Datasheet HTML 1Page - Molex Electronics Ltd. F-666-38X Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190710240
Status:
Active
Description:
InsulKrimp™ Ring Tongue Terminal for 4 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
General
Product Family
Ring and Spade Terminals
Series
19071
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Color - Resin
Natural
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
3/8" (M9)
Wire Insulation Diameter
13.10mm (.515") max.
Wire Size AWG
4
Material Info
Old Part Number
F-666-38X
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19071-004
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19071Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890007
Hand Crimp Tool
0640013900
Putt Pump Dieless
Head System
0192860065
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - F-666-38X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
F-666-10X MOLEX4-F-666-10X Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
F-666-12X MOLEX4-F-666-12X Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
F-666-14X MOLEX4-F-666-14X Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
F-666-56X MOLEX4-F-666-56X Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
More results

Podobny opis - F-666-38X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0190710234 MOLEX4-0190710234 Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
0190710243 MOLEX4-0190710243 Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
0190710231 MOLEX4-0190710231 Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
0190710237 MOLEX4-0190710237 Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
0190710253 MOLEX4-0190710253 Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
0190710250 MOLEX4-0190710250 Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
0190710166 MOLEX4-0190710166 Datasheet
172Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
0190710229 MOLEX4-0190710229 Datasheet
85Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710190 MOLEX4-0190710190 Datasheet
88Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710150 MOLEX4-0190710150 Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com