Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145567 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC145567
Szczegółowy opis  PCM Codec-Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145567 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC145567 Datasheet HTML 1Page - Motorola, Inc MC145567 Datasheet HTML 2Page - Motorola, Inc MC145567 Datasheet HTML 3Page - Motorola, Inc MC145567 Datasheet HTML 4Page - Motorola, Inc MC145567 Datasheet HTML 5Page - Motorola, Inc MC145567 Datasheet HTML 6Page - Motorola, Inc MC145567 Datasheet HTML 7Page - Motorola, Inc MC145567 Datasheet HTML 8Page - Motorola, Inc MC145567 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MC145554
•MC145557•MC145564•MC145567
MOTOROLA
1
PCM Codec-Filter
The MC145554, MC145557, MC145564, and MC145567 are all per channel
PCM Codec–Filters. These devices perform the voice digitization and
reconstruction as well as the band limiting and smoothing required for PCM
systems. They are designed to operate in both synchronous and asynchronous
applications and contain an on–chip precision voltage reference. The
MC145554 (Mu–Law) and MC145557 (A–Law) are general purpose devices
that are offered in 16–pin packages. The MC145564 (Mu–Law) and MC145567
(A–Law), offered in 20–pin packages, add the capability of analog loopback and
push–pull power amplifiers with adjustable gain.
These devices have an input operational amplifier whose output is the input
to the encoder section. The encoder section immediately low–pass filters the
analog signal with an active R–C filter to eliminate very–high–frequency noise
from being modulated down to the pass band by the switched capacitor filter.
From the active R–C filter, the analog signal is converted to a differential signal.
From this point, all analog signal processing is done differentially. This allows
processing of an analog signal that is twice the amplitude allowed by a
single–ended design, which reduces the significance of noise to both the
inverted and non–inverted signal paths. Another advantage of this differential
design is that noise injected via the power supplies is a common–mode signal
that is cancelled when the inverted and non–inverted signals are recombined.
This dramatically improves the power supply rejection ratio.
After the differential converter, a differential switched capacitor filter band
passes the analog signal from 200 Hz to 3400 Hz before the signal is digitized
by the differential compressing A/D converter.
The decoder accepts PCM data and expands it using a differential D/A
converter. The output of the D/A is low–pass filtered at 3400 Hz and sinX/X
compensated by a differential switched capacitor filter. The signal is then filtered
by an active R–C filter to eliminate the out–of–band energy of the switched
capacitor filter.
These PCM Codec–Filters accept both long–frame and short–frame industry
standard clock formats. They also maintain compatibility with Motorola’s family
of TSACs and MC3419/MC34120 SLIC products.
The MC145554/57/64/67 family of PCM Codec–Filters utilizes CMOS due to
its reliable low–power performance and proven capability for complex
analog/digital VLSI functions.
MC145554/57 (16–Pin Package)
• Fully Differential Analog Circuit Design for Lowest Noise
• Performance Specified for Extended Temperature Range of – 40 to + 85°C
• Transmit Band–Pass and Receive Low–Pass Filters On–Chip
• Active R–C Pre–Filtering and Post–Filtering
• Mu–Law Companding MC145554
• A–Law Companding MC145557
• On–Chip Precision Voltage Reference (2.5 V)
• Typical Power Dissipation of 40 mW, Power Down of 1.0 mW at ± 5 V
MC145564/67 (20–Pin Package) — All of the Features of the MC145554/57 Plus:
• Mu–Law Companding MC145564
• A–Law Companding MC145567
• Push–Pull Power Drivers with External Gain Adjust
• Analog Loopback
Order this document
by MC145554/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145554
MC145557
MC145564
MC145567
L SUFFIX
CERAMIC PACKAGE
CASE 620
MC145554/57
P SUFFIX
PLASTIC DIP
CASE 648
MC145554/57
16
1
16
1
20
1
L SUFFIX
CERAMIC PACKAGE
CASE 732
MC145564/67
20
1
P SUFFIX
PLASTIC DIP
CASE 738
MC145564/67
DW SUFFIX
SOG PACKAGE
CASE 751G
MC145554/57
DW SUFFIX
SOG PACKAGE
CASE 751D
MC145564/67
16
1
20
1
© Motorola, Inc. 1995
REV 1
9/95 (Replaces ADI1517)


Podobny numer części - MC145567

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC145567DW LANSDALE-MC145567DW Datasheet
1Mb / 18P
   PCM Codec-Filter
MC145567DW LANSDALE-MC145567DW Datasheet
284Kb / 18P
   PCM Codec-Filter
MC145567P LANSDALE-MC145567P Datasheet
1Mb / 18P
   PCM Codec-Filter
MC145567P LANSDALE-MC145567P Datasheet
284Kb / 18P
   PCM Codec-Filter
More results

Podobny opis - MC145567

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com